Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8392 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8392
Description  Coaxial Transceiver Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8392 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8392 Datasheet HTML 1Page - National Semiconductor (TI) DP8392 Datasheet HTML 2Page - National Semiconductor (TI) DP8392 Datasheet HTML 3Page - National Semiconductor (TI) DP8392 Datasheet HTML 4Page - National Semiconductor (TI) DP8392 Datasheet HTML 5Page - National Semiconductor (TI) DP8392 Datasheet HTML 6Page - National Semiconductor (TI) DP8392 Datasheet HTML 7Page - National Semiconductor (TI) DP8392 Datasheet HTML 8Page - National Semiconductor (TI) DP8392 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF7405
May 1988
DP8392ANS32492A Coaxial Transceiver Interface
General Description
The DP8392A Coaxial Transceiver Interface (CTI) is a coax-
ial cable line driverreceiver for EthernetThin Ethernet
(Cheapernet) type local area networks The CTI is connect-
ed between the coaxial cable and the Data Terminal Equip-
ment (DTE) In Ethernet applications the transceiver is usu-
ally mounted within a dedicated enclosure and is connected
to the DTE via a transceiver cable In Cheapernet applica-
tions the CTI is typically located within the DTE and con-
nects to the DTE through isolation transformers only The
CTI consists of a Receiver Transmitter Collision Detector
and a Jabber Timer The Transmitter connects directly to a
50 ohm coaxial cable where it is used to drive the coax
when transmitting During transmission a jabber timer is ini-
tiated to disable the CTI transmitter in the event of a longer
than legal length data packet Collision Detection circuitry
monitors the signals on the coax to determine the presence
of colliding packets and signals the DTE in the event of a
collision
The CTI is part of a three chip set that implements the com-
plete IEEE 8023 compatible network node electronics as
shown below The other two chips are the DP8391 Serial
Network Interface (SNI) and the DP8390 Network Interface
Controller (NIC)
The SNI provides the Manchester encoding and decoding
functions whereas the NIC handles the Media Access Pro-
tocol and the buffer management tasks Isolation between
the CTI and the SNI is an IEEE 8023 requirement that can
be easily satisfied on signal lines using a set of pulse trans-
formers that come in a standard DIP However the power
isolation for the CTI is done by DC-to-DC conversion
through a power transformer
Features
Y
Compatible with Ethernet II IEEE 8023 10Base5 and
10Base2 (Cheapernet)
Y
Integrates all transceiver electronics except signal
power isolation
Y
Innovative design minimizes external component count
Y
Jabber timer function integrated on chip
Y
Externally selectable CD Heartbeat allows operation
with IEEE 8023 compatible repeaters
Y
Precision circuitry implements receive mode collision
detection
Y
Squelch circuitry at all inputs rejects noise
Y
Designed
for
rigorous
reliability
requirements
of
IEEE 8023
Y
Standard Outline 16-pin DIP uses a special leadframe
that significantly reduces the operating die temperature
Table of Contents
10
System Diagram
20
Block Diagram
30
Functional Description
31
Receiver and Squelch
32
Transmitter and Squelch
33
Collision and Heartbeat
34
Jabber Timer
40
Connection Diagram
50
Pin Descriptions
60
Absolute Maximum Ratings
70
Electrical Characteristics
80
Switching Characteristics
90
Timing and Load Diagram
100 Physical Dimensions
10 System Diagram
TLF7405 – 1
IEEE 8023 Compatible EthernetCheapernet Local Area Network Chip Set
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83924 NSC-DP83924 Datasheet
447Kb / 42P
Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
logo
Pulse A Technitrol Comp...
DP83924A PULSE-DP83924A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Texas Instruments
DP83924B TI1-DP83924B Datasheet
435Kb / 44P
DP83924B Quad 10 Mb/s Ethernet Physical Layer - 4TPHY
logo
National Semiconductor ...
DP83924BVCE NSC-DP83924BVCE Datasheet
447Kb / 42P
Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
Coaxial Transceiver Interface
More results

Similar Description - DP8392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
Enhanced coaxial Ethernet transceiver
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
Interface Coaxial Switches
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
Coaxial Transceiver Interface
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
Coaxial Transceiver Interface
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
Transceiver Interface Module
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
Coaxial Transceiver Interface
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
SMPTE Coaxial Cable Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
Coaxial Transceiver Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com