Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN003232CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN003232CPWR
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN003232CPWR Datasheet(HTML) 3 Page - Texas Instruments

  SN003232CPWR Datasheet HTML 1Page - Texas Instruments SN003232CPWR Datasheet HTML 2Page - Texas Instruments SN003232CPWR Datasheet HTML 3Page - Texas Instruments SN003232CPWR Datasheet HTML 4Page - Texas Instruments SN003232CPWR Datasheet HTML 5Page - Texas Instruments SN003232CPWR Datasheet HTML 6Page - Texas Instruments SN003232CPWR Datasheet HTML 7Page - Texas Instruments SN003232CPWR Datasheet HTML 8Page - Texas Instruments SN003232CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
MAX3232
www.ti.com
SLLS410K – JANUARY 2000 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
C1+
1
—
Positive lead of C1 capacitor
V+
2
O
Positive charge pump output for storage capacitor only
C1–
3
—
Negative lead of C1 capacitor
C2+
4
—
Positive lead of C2 capacitor
C2–
5
—
Negative lead of C2 capacitor
V–
6
O
Negative charge pump output for storage capacitor only
DOUT2, DOUT1
7, 14
O
RS232 line data output (to remote RS232 system)
RIN2, RIN1
8, 13
I
RS232 line data input (from remote RS232 system)
ROUT2, ROUT1
9, 12
O
Logic data output (to UART)
DIN2, DIN1
10, 11
I
Logic data input (from UART)
GND
15
—
Ground
VCC
16
—
Supply Voltage, Connect to external 3 V to 5.5 V power supply
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com