Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN003232CPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN003232CPWR
Description  MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN003232CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN003232CPWR Datasheet HTML 2Page - Texas Instruments SN003232CPWR Datasheet HTML 3Page - Texas Instruments SN003232CPWR Datasheet HTML 4Page - Texas Instruments SN003232CPWR Datasheet HTML 5Page - Texas Instruments SN003232CPWR Datasheet HTML 6Page - Texas Instruments SN003232CPWR Datasheet HTML 7Page - Texas Instruments SN003232CPWR Datasheet HTML 8Page - Texas Instruments SN003232CPWR Datasheet HTML 9Page - Texas Instruments SN003232CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0
1
2
3
4
5
6
0
5
10
15
20
25
Output Current (mA)
VOH
C001
±6
±5
±4
±3
±2
±1
0
1
0
5
10
15
20
25
Output Current (mA)
VOL
C001
MAX3232
SLLS410K – JANUARY 2000 – REVISED JANUARY 2015
www.ti.com
7.8 Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
RL = 3 kΩ,
CL = 1000 pF
Maximum data rate
150
250
kbit/s
One DOUT switching,
See Figure 3
CL = 150 to 2500 pF
tsk(p)
Driver Pulse skew(3)
RL = 3 kΩ to 7 kΩ,
300
ns
See Figure 4
CL = 150 to 1000 pF
6
30
Slew rate, transition region
RL = 3 kΩ to 7 kΩ,
SR(tr)
V/
μs
(see Figure 3)
VCC = 5 V
CL = 150 to 2500 pF
4
30
Propagation delay time, low- to high-
tPLH®)
300
level output
CL = 150 pF
Propagation delay time, high- to low-
ns
tPHL®)
300
level output
tsk(p)
Receiver Pulse skew(1)
300
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
7.9 Typical Characteristics
VCC = 3.3 V
Figure 1. DOUT VOH vs Load Current, Both Drivers Loaded
Figure 2. DOUT VOL vs Load Current, Both Drivers Loaded
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: MAX3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com