Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH450180PN Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH450180PN
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH450180PN Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PLT10HH450180PN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT10HH450180PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH450180PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PLT10HH450180PN#
“#” indicates a package specification code.
Specifications
Shape
SMD
Length
12.9mm
Length Tolerance
±0.2mm
Width
6.6mm
Width Tolerance
±0.2mm
Thickness
9.4mm
Thickness Tolerance
max.
Common Mode Impedance (at
10MHz)
45Ω
Common Mode Impedance (at
10MHz) Tolerance
(Typ.)
Rated Current
18.0A
Rated Voltage
300Vdc
Withstanding Voltage
750Vdc
DC Resistance(max.)
1.8mΩ
DC Resistance
1.3mΩ±0.5mΩ
Insulation Resistance(min.)
10MΩ
Operating Temperature Range
-
℃
55
to
℃
125
Mass(typ.)
2.1g
Number of Circuit
1
Common Mode Inductance
0.8μHmin.
Operating Temperature Range(Self-
temperature rise is included)
Yes
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/08/03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com