Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH450180PN Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH450180PN
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH450180PN Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PLT10HH450180PN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT10HH450180PN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH450180PN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PLT10HH450180PN#
“#” indicates a package specification code.
< List of part numbers with package codes >
PLT10HH450180PNB PLT10HH450180PNK PLT10HH450180PNL
Appearance & Shape
Applications
Automotive
Usage
Powertrain/Safety
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
50
K
330mm Embossed Tape
500
L
180mm Embossed Tape
125
Features
Features
1. Meets large current up to 18a max. suitable
for power lines.
2. Meets to surface mounting.
3. Large common mode impedance up to 1000ohm [at 10mhz]
enables good noise suppression effect.
4. Wide operating temperature range from -
℃
55
to
℃
125
.
[PLT10HH9016R0 / 401100 / 101150 / 450180]
Application
Common mode noise suppression for motors in automotive
equipments, audio amps for automotive, car navigations,
and other general power lines.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/08/03


Similar Part No. - PLT10HH450180PN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLT10HH450180PN MURATA1-PLT10HH450180PN Datasheet
398Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH450180PNB MURATA1-PLT10HH450180PNB Datasheet
398Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH450180PNK MURATA1-PLT10HH450180PNK Datasheet
398Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH450180PNL MURATA1-PLT10HH450180PNL Datasheet
398Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
PLT10HH450180PN MURATA1-PLT10HH450180PN_V01 Datasheet
398Kb / 4P
Meets large current up to 18A max. suitable for power lines.
Last updated07/27/2022
More results

Similar Description - PLT10HH450180PN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R6WA01 MURATA-GRM0334C1H1R6WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8BA01 MURATA-GRM0334C1H1R8BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8WA01 MURATA-GRM0334C1H1R8WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R9WA01 MURATA-GRM0334C1H1R9WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR20WA01 MURATA-GRM0334C1HR20WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR40BA01 MURATA-GRM0334C1HR40BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0332C1E5R5WA01 MURATA-GRM0332C1E5R5WA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R6CA01 MURATA-GRM0332C1E5R6CA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R9CA01 MURATA-GRM0332C1E5R9CA01 Datasheet
49Kb / 1P
Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com