Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM358P
Description  Dual Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358P Datasheet(HTML) 5 Page - Texas Instruments

  LM358P Datasheet HTML 1Page - Texas Instruments LM358P Datasheet HTML 2Page - Texas Instruments LM358P Datasheet HTML 3Page - Texas Instruments LM358P Datasheet HTML 4Page - Texas Instruments LM358P Datasheet HTML 5Page - Texas Instruments LM358P Datasheet HTML 6Page - Texas Instruments LM358P Datasheet HTML 7Page - Texas Instruments LM358P Datasheet HTML 8Page - Texas Instruments LM358P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.ti.com
SLOS068T – JUNE 1976 – REVISED APRIL 2015
6.4 Thermal Information
LMx58, LMx58x, LM2904V, LM2904
LMx58,
LMx58,
LMx58x,
LMx58x,
LM2904
LM2904
V
V
THERMAL METRIC(1)
UNIT
D (SOIC)
DGK
P (PDIP)
PS (SO)
PW
FK
JG
(VSSOP)
(TSSOP)
(LCCC)
(CDIP)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
20 PINS
8 PINS
RθJA
Junction-to-ambient
97
172
85
95
149
—
—
thermal resistance
°C/W
RθJC(top) Junction-to-case
(top) thermal
72.2
—
—
—
—
5.61
14.5
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics for LMx58
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM158
LM358
LM258
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
VCC = 5 V to MAX,
25°C
3
5
3
7
VIC = VICR(min),
VIO
Input offset voltage
mV
Full range
7
9
VO = 1.4 V
Average temperature coefficient of
αVIO
Full range
7
7
µV/°C
input offset voltage
25°C
2
30
2
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
150
Average temperature coefficient of
αIIO
Full range
10
10
pA/°C
input offset current
25°C
–20
–150
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
0 to
Full range
VCC – 2
VCC – 2
RL ≥ 2 kΩ
25°C
VCC – 1.5
VCC – 1.5
RL ≥ 10 kΩ
25°C
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
26
26
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
VCC = 15 V
25°C
50
100
25
100
Large-signal differential
VO = 1 V to 11 V,
AVD
V/mV
voltage amplification
Full range
25
15
RL ≥ 2 kΩ
VCC= 5 V to MAX,
CMRR
Common-mode rejection ratio
25°C
70
80
65
80
dB
VIC = VICR(min)
Supply-voltage rejection ratio
kSVR
VCC = 5 V to MAX
25°C
65
100
65
100
dB
(
ΔVDD /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
VCC = 15 V,
25°C
–20
–30
–20
–30
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
12
30
12
30
μA
VCC at 5 V, GND at –5 V,
IOS
Short-circuit output current
25°C
±40
±60
±40
±60
mA
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
Supply current
ICC
mA
VCC = MAX, VO = 0.5 VCC,
(two amplifiers)
Full range
1
2
1
2
No load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 30 V for the others.
(2)
Full range is –55°C to 125°C for LM158, –25°C to 85°C for LM258, and 0°C to 70°C for LM358, and –40°C to 125°C for LM2904.
(3)
All typical values are at TA = 25°C
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com