Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM358P
Description  Dual Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358P Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM358P Datasheet HTML 4Page - Texas Instruments LM358P Datasheet HTML 5Page - Texas Instruments LM358P Datasheet HTML 6Page - Texas Instruments LM358P Datasheet HTML 7Page - Texas Instruments LM358P Datasheet HTML 8Page - Texas Instruments LM358P Datasheet HTML 9Page - Texas Instruments LM358P Datasheet HTML 10Page - Texas Instruments LM358P Datasheet HTML 11Page - Texas Instruments LM358P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
SLOS068T – JUNE 1976 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics for LM358A (continued)
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM358A
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
25°C
–15
–100
IIB
Input bias current
VO = 1.4 V
nA
Full range
–200
0 to
25°C
VCC – 1.5
Common-mode input
VICR
VCC = 30 V
V
voltage range
0 to
Full range
VCC – 2
RL ≥ 2 kΩ
25°C
VCC – 1.5
VOH
High-level output voltage
RL= 2kΩ
Full range
26
V
VCC = 30 V
RL≥ 10kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
25°C
25
100
VCC = 15 V, VO = 1 V to 11 V,
Large-signal differential
AVD
V/mV
voltage amplification
RL ≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
25°C
65
80
dB
Supply-voltage rejection ratio
kSVR
25°C
65
100
dB
(
ΔVDD /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
dB
VCC = 15 V,
25°C
–20
–30
−60
VID = 1 V,
Source
Full range
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
VID = –1 V,
Sink
Full range
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
30
μA
VCC at 5 V, GND at –5 V,
IOS
Short-circuit output current
25°C
±40
±60
mA
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
Supply current
ICC
mA
VCC = MAX V, VO = 0.5 V,
(four amplifiers)
Full range
1
2
No load
6.9 Operating Conditions
VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 11)
0.3
V/
μs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 11)
0.7
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 12)
40
nV/
√Hz
8
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com