Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE1122 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE1122
Description  1A Low Dropout Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1122 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE1122 Datasheet HTML 1Page - Seaward Electronics Inc. SE1122 Datasheet HTML 2Page - Seaward Electronics Inc. SE1122 Datasheet HTML 3Page - Seaward Electronics Inc. SE1122 Datasheet HTML 4Page - Seaward Electronics Inc. SE1122 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision 1/21/2014
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007
• www.seawardinc.com.cn • Page 1
Features
1.3V typical dropout
Fixed 1.2V± 2% output voltage
Fast transient response
Output current limiting
Built-in thermal shutdown
Good noise rejection
Rugged 2KV ESD withstand capability.
Available in SOT223 &TO252 Packages.
Works best with inexpensive electrolytic Capcitors.
RoHS Compliant
Description
SE1122 is a low dropout positive fixed-mode regulator
with minimum of 1A output current capability. The
product
is
specifically
designed
to
provide
well-regulated supply for low voltage IC applications
such as high-speed bus termination and low current
1.2V logic supply. SE1122 is also well suited for other
applications
such
as
VGA
cards.
SE1122
is
guaranteed to have a typical 1.3V dropout at full load
current making it ideal to provide well-regulated
outputs of 1.2 output voltage with 2.7V input voltage
supply.
Pin Configuration
Tab is Vout
GND
OUT
IN
TO252
Ordering Information
Device
Package
VOUT
SE1122-HF
SOT-223
(Halogen Free)
Fixed output
voltages 1.2V
SE1122-LF
TO252
(Lead free)
Application
PC peripheral
Communication
Typical Application


Similar Part No. - SE1122

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122 Datasheet
178Kb / 4P
1A Low Dropout Positive Regulator
More results

Similar Description - SE1122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
1A Low Dropout Positive Regulator
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1112 ADDTEK-AMC1112 Datasheet
176Kb / 8P
1A LOW DROPOUT POSITIVE REGULATOR
MAY 2007
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com