Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE1122 Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE1122
Description  1A Low Dropout Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1122 Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE1122 Datasheet HTML 1Page - Seaward Electronics Inc. SE1122 Datasheet HTML 2Page - Seaward Electronics Inc. SE1122 Datasheet HTML 3Page - Seaward Electronics Inc. SE1122 Datasheet HTML 4Page - Seaward Electronics Inc. SE1122 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Revision 1/21/2014
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007
• www.seawardinc.com.cn • Page 3
Dropout Voltage VS Output Current
1.00
1.05
1.10
1.15
1.20
1.25
1.30
0
200
400
600
800 1000 1200
Output Current (mA)
PSRR
0
10
20
30
40
50
60
70
10
100
1000
10000
Frequency (Hz)
Output Voltage Vs Junction Temperature
1.194
1.196
1.198
1.2
1.202
1.204
1.206
1.208
1.21
1.212
-50
-25
0
25
50
75
100
125
Junction Temperature(C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com