Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8803F Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE8803F
Description  Dual-Output Low Quiescent Current LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8803F Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE8803F Datasheet HTML 1Page - Seaward Electronics Inc. SE8803F Datasheet HTML 2Page - Seaward Electronics Inc. SE8803F Datasheet HTML 3Page - Seaward Electronics Inc. SE8803F Datasheet HTML 4Page - Seaward Electronics Inc. SE8803F Datasheet HTML 5Page - Seaward Electronics Inc. SE8803F Datasheet HTML 6Page - Seaward Electronics Inc. SE8803F Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
1
9/4/2012
SE8803
Dual-Output Low Quiescent Current LDO
General Description
The SE8803 is a regulator with very low dropout
and dual-output. It specifically designed for today’s
electricity meter applications.
The SE8803 has two voltage inputs and two
voltage
outputs.
Output1
has
two
distinct
requirements for the power supplies for the electricity
meters.
The
first
requirement
is
low
power
consumption. The second is low noise.
Output1
uses a very unique design to achieve very low power
consumption while providing a very low noise power
output for electricity meter applications.
The second output is capable of delivering
150mA output current at a very low dropout voltage of
0.82V (Typical). The high precision output at 2%
ensures that the accurate power supply requirement
is
met
with
enough
margins
in
many
tough
applications.
Both of Outputs also provides Over Current
Protection (OCP) and Over Temperature Protection
(OTP), these features will ensure a safe operating
environment for electricity meter applications.
The SE8803 is available in
SOP and
PSOP8
package.
Features
Output 1
Output voltage of 5.0V (Typ.)
Low quiescent Current
Over-current/Over-temperature Protection.
Minimum external components.
Output voltage tolerances of ±2%
ESD rating is 2KV (Per MIL-STD-883D)
Output 2
Output voltage of 11.6V (Typ.)
Output current up to 150mA (Typ.)
Current limiting Over thermal Protection.
Minimum external components.
Output voltage tolerances of ±2%
Input Voltage up to 30V
Operating Junction Temperature Range
-40 to +125°C
ESD rating is 2KV (Per MIL-STD-883D)
Applications
Electricity meter.
Networking Equipments where low noise and
low power consumption is required.
Pin Configuration


Similar Part No. - SE8803F

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
SE8801AK SEAWARD-SE8801AK Datasheet
469Kb / 7P
Low Quiescent Current LDO
SE8801BH SEAWARD-SE8801BH Datasheet
469Kb / 7P
Low Quiescent Current LDO
SE8801BK SEAWARD-SE8801BK Datasheet
469Kb / 7P
Low Quiescent Current LDO
SE8801CK SEAWARD-SE8801CK Datasheet
469Kb / 7P
Low Quiescent Current LDO
More results

Similar Description - SE8803F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A Datasheet
570Kb / 26P
LOW QUIESCENT CURRENT DUAL OUTPUT LDO
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com