Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE8803F Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE8803F
Description  Dual-Output Low Quiescent Current LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8803F Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE8803F Datasheet HTML 1Page - Seaward Electronics Inc. SE8803F Datasheet HTML 2Page - Seaward Electronics Inc. SE8803F Datasheet HTML 3Page - Seaward Electronics Inc. SE8803F Datasheet HTML 4Page - Seaward Electronics Inc. SE8803F Datasheet HTML 5Page - Seaward Electronics Inc. SE8803F Datasheet HTML 6Page - Seaward Electronics Inc. SE8803F Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
2
9/4/2012
SE8803
Dual-Output Low Quiescent Current LDO
Typical Application
Functional Block Diagram
Ordering Information
Part Number
Marking Information
Package
Remarks
SE8803P
SE8803
YYWW-LF
PSOP8
YYWW means Production batch;
LF: Lead Free
SE8803F
SOP8
Absolute Maximum Rating
Parameter
Symbol
Maximum
Units
Power dissipation@25℃
SOP8
PSOP8
PD
0.9
1.1
W
Input Voltage
VIN1
-0.3~28
V
VIN2
-0.3~30
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Thermal Resistance
SOP8
PSOP8
θ
JA
75
65
°C/W
Lead Temperature (Soldering) 10 seconds
TLEAD
260
±5
°C
Storage Temperature
TSTG
-65 to +150
°C
ESD (HBM) Susceptibility
VESD
2
KV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com