Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC32DBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC32DBLE
Description  Quadruple 2-Input Positive-OR Gates
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32DBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC32DBLE Datasheet HTML 2Page - Texas Instruments SN74HC32DBLE Datasheet HTML 3Page - Texas Instruments SN74HC32DBLE Datasheet HTML 4Page - Texas Instruments SN74HC32DBLE Datasheet HTML 5Page - Texas Instruments SN74HC32DBLE Datasheet HTML 6Page - Texas Instruments SN74HC32DBLE Datasheet HTML 7Page - Texas Instruments SN74HC32DBLE Datasheet HTML 8Page - Texas Instruments SN74HC32DBLE Datasheet HTML 9Page - Texas Instruments SN74HC32DBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
SN54HC32, SN74HC32
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 4 mA, VCC = 4.5 V
TA = 25°C
0.17
0.26
SN54HC32
0.4
SN74HC32
0.33
IOL = 5.2 mA, VCC = 6 V
TA = 25°C
0.15
0.26
SN54HC32
0.4
SN74HC32
0.33
II
VI = VCC or 0, VCC = 6 V
TA = 25°C
±0.1
±100
nA
SNx4HC32
±1000
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
TA = 25°C
2
µA
SN54HC32
40
SN74HC32
20
Ci
VCC = 2 V to 6 V
3
10
pF
Cpd
Power dissipation
capacitance
per gate
TA = 25°C, no load
20
pF
6.7
Switching Characteristics
over operating free-air temperature range (unless otherwise noted; see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
CL = 50 pF, from A or B (input)
to Y (output)
VCC = 2 V
TA = 25°C
50
100
ns
SN54HC32
150
SN74HC32
125
VCC = 4.5 V
TA = 25°C
10
20
SN54HC32
30
SN74HC32
25
VCC = 6 V
TA = 25°C
8
17
SN54HC32
25
SN74HC32
21
tt
CL = 50 pF, to Y (output)
VCC = 2 V
TA = 25°C
38
75
ns
SN54HC32
110
SN74HC32
95
VCC = 4.5 V
TA = 25°C
8
15
SN54HC32
22
SN74HC32
19
VCC = 6 V
TA = 25°C
6
13
SN54HC32
19
SN74HC32
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com