Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC32DBLE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74HC32DBLE
Description  Quadruple 2-Input Positive-OR Gates
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32DBLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC32DBLE Datasheet HTML 5Page - Texas Instruments SN74HC32DBLE Datasheet HTML 6Page - Texas Instruments SN74HC32DBLE Datasheet HTML 7Page - Texas Instruments SN74HC32DBLE Datasheet HTML 8Page - Texas Instruments SN74HC32DBLE Datasheet HTML 9Page - Texas Instruments SN74HC32DBLE Datasheet HTML 10Page - Texas Instruments SN74HC32DBLE Datasheet HTML 11Page - Texas Instruments SN74HC32DBLE Datasheet HTML 12Page - Texas Instruments SN74HC32DBLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
9
SN54HC32, SN74HC32
www.ti.com
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC32 devices are quad 2-input OR gates. These devices are members of the High-Speed CMOS (HC)
logic family. The HC family of logic is optimized to operate with a 5-V supply, is low noise without characteristic
overshoot and undershoot, has low power consumption, small propagation delay, balanced propagation delay
and transition times, and operates over a wide temperature range.
8.2 Functional Block Diagram
Figure 5. Logic Diagram (Positive Logic)
8.3 Feature Description
8.3.1 Operating Voltage Range
The SNx4HC series of devices offer a wide operating voltage range from 2 V to 6 V.
8.3.2 LSTTL Loads
The outputs of the SNx4HC series can drive up to 10 LSTTL loads.
8.3.3 Low Power Consumption
The SNx4HC32 offers low power consumption of 20 μA (maximum).
8.3.4 Output Drive Capability
At 5 V, the outputs have ±4 mA of output drive capability.
8.3.5 Low Input Current Leakage
Inputs have low input current leakage of 1 μA (maximum).
8.4 Device Functional Modes
Table 1 lists the functional modes of SNx4HC32.
Table 1. Function Table
(Each Gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
H
H
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com