Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4857GR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4857GR
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857GR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4857GR Datasheet HTML 1Page - National Semiconductor (TI) LM4857GR Datasheet HTML 2Page - National Semiconductor (TI) LM4857GR Datasheet HTML 3Page - National Semiconductor (TI) LM4857GR Datasheet HTML 4Page - National Semiconductor (TI) LM4857GR Datasheet HTML 5Page - National Semiconductor (TI) LM4857GR Datasheet HTML 6Page - National Semiconductor (TI) LM4857GR Datasheet HTML 7Page - National Semiconductor (TI) LM4857GR Datasheet HTML 8Page - National Semiconductor (TI) LM4857GR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM4857
Stereo 1.2W Audio Sub-system with 3D Enhancement
General Description
The LM4857 is an integrated audio sub-system designed for
stereo cell phone applications. Operating on a 3.3V supply, it
combines a stereo speaker amplifier delivering 495mW per
channel into an 8
Ω load, a stereo headphone amplifier de-
livering 33mW per channel into a 32
Ω load, a mono earpiece
amplifier delivering 43mW into a 32
Ω load, and a line output
for an external powered handsfree speaker. It integrates the
audio amplifiers, volume control, mixer, power management
control, and National 3D enhancement all into a single pack-
age. In addition, the LM4857 routes and mixes the stereo
and mono inputs into 16 distinct output modes. The LM4857
is controlled through an I
2C compatible interface. Other fea-
tures include an ultra-low current shutdown mode and ther-
mal shutdown protection.
Boomer audio power amplifiers are designed specifically to
provide high quality output power with a minimal amount of
external components.
The LM4857 is available in a 30-bump ITL package and a
28–lead LLP package.
Key Specifications
j POUT, Stereo Loudspeakers, 4
Ω, 5V,
1% THD+N (LM4857SP)
1.6W (typ)
j POUT, Stereo Loudspeakers, 8
Ω, 5V,
1% THD+N
1.2W (typ)
j POUT, Stereo Headphones, 32
Ω, 5V,
1% THD+N
75mW (typ)
j POUT, Mono Earpiece, 32
Ω, 5V,
1% THD+N
100mW (typ)
j POUT, Stereo Loudspeakers, 8
Ω, 3.3V,
1% THD+N
495mW (typ)
j POUT, Stereo Headphones, 32
Ω, 3.3V,
1% THD+N
33mW (typ)
j POUT, Mono Earpiece, 32
Ω, 3.3V,
1% THD+N
43mW (typ)
j Shutdown Current
0.06µA (typ)
Features
n
Stereo speaker amplifier
n
Stereo headphone amplifier
n
Mono earpiece amplifier
n
Mono Line Output for external handsfree carkit
n
Independent Left, Right, and Mono volume controls
n
National 3D enhancement
n
I
2C compatible interface
n
Ultra low shutdown current
n
Click and Pop Suppression circuit
n
16 distinct output modes
n
Thermal Shutdown Protection
n
Available in micro SMD and LLP packages
Applications
n
Cell Phones
n
PDAs
n
Portable Gaming Devices
n
Internet Appliances
n
Portable DVD/CD/AAC/MP3 players
Boomer® is a registered trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS200797
www.national.com


Similar Part No. - LM4857GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
Stereo 1.2W Audio Sub-system
LM4857SP/NOPB TI1-LM4857SP/NOPB Datasheet
3Mb / 39P
Stereo 1.2W Audio Sub-system
logo
National Semiconductor ...
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results

Similar Description - LM4857GR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
AUDIO PROCESSOR with SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
Stereo 1.2W Audio Sub-system
LM4859 TI1-LM4859 Datasheet
2Mb / 30P
Stereo 1.2W Audio Sub-system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com