Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4857GR Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4857GR
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857GR Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4857GR Datasheet HTML 6Page - National Semiconductor (TI) LM4857GR Datasheet HTML 7Page - National Semiconductor (TI) LM4857GR Datasheet HTML 8Page - National Semiconductor (TI) LM4857GR Datasheet HTML 9Page - National Semiconductor (TI) LM4857GR Datasheet HTML 10Page - National Semiconductor (TI) LM4857GR Datasheet HTML 11Page - National Semiconductor (TI) LM4857GR Datasheet HTML 12Page - National Semiconductor (TI) LM4857GR Datasheet HTML 13Page - National Semiconductor (TI) LM4857GR Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Audio Amplifier Electrical Characteristics V
DD = 3.0V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 3.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
Xtalk
Crosstalk
LD5=RD5=0
Loudspeaker; P
O= 200mW;
f = 1kHz
82
dB
Headphone; P
O= 10mW;
f = 1kHz
82
dB
T
WU
Wake-up Time
CD5=0;C
B = 2.2µF
80
ms
CD5=1;C
B = 2.2µF
140
ms
Volume Control Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5.0V and VDD = 3.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
Stereo Volume Control Range
maximum gain setting
6
5.5
6.5
dB (min)
dB (max)
minimum gain setting
-40.5
-41
-40
dB (min)
dB (max)
Mono Volume Control Range
maximum gain setting
12
11.5
12.5
dB (min)
dB (max)
minimum gain setting
-34.5
-35
-34
dB (min)
dB (max)
Volume Control Step Size
1.5
dB
Volume Control Step Size
Error
+/-0.2
+/-0.5
dB (max)
Stereo Channel to Channel
Gain Mismatch
0.3
dB
Mute Attenuation
Mode 12, V
in =1VRMS
Headphone
85
dB
Line Out
85
dB
L
IN and RIN Input Impedance
maximum gain setting
33.5
25
42
k
Ω (min)
k
Ω (max)
minimum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
M
IN Input Impedance
maximum gain setting
20
15
25
k
Ω (min)
k
Ω (max)
minimum gain setting
98
73
123
k
Ω (min)
k
Ω (max)
Control Interface Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V and VDD = 3V and 2.5V
≤ I2CV
DD
≤ 5.5V, unless otherwise specified. Limits
apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4857
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
t
1
SCL period
2.5
µs (min)
t
2
SDA Set-up Time
100
ns (min)
t
3
SDA Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com