Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4857SP Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4857SP
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857SP Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4857SP Datasheet HTML 18Page - National Semiconductor (TI) LM4857SP Datasheet HTML 19Page - National Semiconductor (TI) LM4857SP Datasheet HTML 20Page - National Semiconductor (TI) LM4857SP Datasheet HTML 21Page - National Semiconductor (TI) LM4857SP Datasheet HTML 22Page - National Semiconductor (TI) LM4857SP Datasheet HTML 23Page - National Semiconductor (TI) LM4857SP Datasheet HTML 24Page - National Semiconductor (TI) LM4857SP Datasheet HTML 25Page - National Semiconductor (TI) LM4857SP Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Typical Performance Characteristics (Note 11) (Continued)
Frequency vs Response
Power Dissipation vs Output Power
20079744
LINEOUT; R
L =5k
Ω;C
O = 2.2µF
Mode 10; Full Gain
20079745
LLS, RLS; R
L =8
Ω; THD+N ≤ 1%
Top-V
DD = 5V; Bot-VDD =3V
per channel
Power Dissipation vs Output Power
Power Dissipation vs Output Power
20079746
LHP, RHP; R
L =32
Ω; THD+N ≤ 1%
Top-V
DD = 5V; Bot-VDD =3V
per channel
20079747
EP; R
L =32
Ω; THD+N ≤ 1%
Top-V
DD = 5V; Bot-VDD =3V
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com