Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4857SP Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4857SP
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4857SP Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM4857SP Datasheet HTML 25Page - National Semiconductor (TI) LM4857SP Datasheet HTML 26Page - National Semiconductor (TI) LM4857SP Datasheet HTML 27Page - National Semiconductor (TI) LM4857SP Datasheet HTML 28Page - National Semiconductor (TI) LM4857SP Datasheet HTML 29Page - National Semiconductor (TI) LM4857SP Datasheet HTML 30Page - National Semiconductor (TI) LM4857SP Datasheet HTML 31Page - National Semiconductor (TI) LM4857SP Datasheet HTML 32Page - National Semiconductor (TI) LM4857SP Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Application Information (Continued)
TABLE 8. Earpiece Amplifier Gain Select
CD4
0
0dB Earpiece Output Stage Gain Setting
1
6dB Earpiece Output Stage Gain Setting
I
2C COMPATIBLE INTERFACE
The LM4857 uses a serial bus, which conforms to the I
2C
protocol, to control the chip’s functions with two wires: clock
(SCL) and data (SDA). The clock line is uni-directional. The
data line is bi-directional (open-collector). The maximum
clock frequency specified by the I
2C standard is 400kHz. In
this discussion, the master is the controlling microcontroller
and the slave is the LM4857.
The I
2C address for the LM4857 is determined using the
ADR pin. The LM4857’s two possible I
2C chip addresses are
of the form 111110X
10 (binary), where X1 = 0, if ADR is logic
low; and X
1 = 1, if ADR is logic high. If the I
2C interface is
used to address a number of chips in a system, the
LM4857’s chip address can be changed to avoid any pos-
sible address conflicts.
The bus format for the I
2C interface is shown in Figure 2. The
bus format diagram is broken up into six major sections:
The "start" signal is generated by lowering the data signal
while the clock signal is high. The start signal will alert all
devices attached to the I
2C bus to check the incoming ad-
dress against their own address.
The 8-bit chip address is sent next, most significant bit first.
The data is latched in on the rising edge of the clock. Each
address bit must be stable while the clock level is high.
After the last bit of the address bit is sent, the master
releases the data line high (through a pull-up resistor). Then
the master sends an acknowledge clock pulse. If the
LM4857 has received the address correctly, then it holds the
data line low during the clock pulse. If the data line is not
held low during the acknowledge clock pulse, then the mas-
ter should abort the rest of the data transfer to the LM4857.
The 8 bits of data are sent next, most significant bit first.
Each data bit should be valid while the clock level is stable
high.
After the data byte is sent, the master must check for another
acknowledge to see if the LM4857 received the data.
If the master has more data bytes to send to the LM4857,
then the master can repeat the previous two steps until all
data bytes have been sent.
The "stop" signal ends the transfer. To signal "stop", the data
signal goes high while the clock signal is high. The data line
should be held high when not in use.
I
2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM4857’s I
2C interface is powered up through the
I
2CV
DD pin. The LM4857’s I
2C interface operates at a volt-
age level set by the I
2CV
DD pin which can be set indepen-
dent to that of the main power supply pin V
DD. This is ideal
whenever logic levels for the I
2C interface are dictated by a
microcontroller or microprocessor that is operating at a lower
supply voltage than the main battery of a portable system.
NATIONAL 3D ENHANCEMENT
The LM4857 features a 3D audio enhancement effect that
widens the perceived soundstage from a stereo audio signal.
The 3D audio enhancement improves the apparent stereo
channel separation whenever the left and right speakers are
too close to one another, due to system size constraints or
equipment limitations.
An external RC network, shown in Figure 1, is required to
enable the 3D effect. There are separate RC networks for
both the stereo loudspeaker outputs as well as the stereo
headphone outputs, so the 3D effect can be set indepen-
dently for each set of stereo outputs.
The amount of the 3D effect is set by the R
3D resistor.
Decreasing the value of R
3D will increase the 3D effect. The
C
3D capacitor sets the low cutoff frequency of the 3D effect.
Increasing the value of C
3D will decrease the low cutoff
frequency at which the 3D effect starts to occur, as shown by
Equation 1.
f
3D(-3dB) =1/2
π(R
3D)(C3D)
(1)
Activating the 3D effect will cause an increase in gain by a
multiplication factor of (1 + 20k
Ω/R
3D). Setting R3D to 20k
Ω
will result in a gain increase by a multiplication factor of
(1+20k
Ω/20kΩ)=2or6dB whenever the 3D effect is acti-
vated. The volume control can be programmed through the
I
2C compatible interface to compensate for the extra 6dB
increase in gain. For example, if the stereo volume control is
set at 0dB (11011 from Table 4) before the 3D effect is
activated, the volume control should be programmed to
–6dB (10111 from Table 4) immediately after the 3D effect
has been activated. Setting R
3D = 20k
Ω and C
3D = 0.22µF
allows the LM4857 to produce a pronounced 3D effect with a
minimal increase in output noise.
EXPOSED-DAP MOUNTING CONSIDERATIONS
The LM4857’s exposed-DAP (die attach paddle) package
(SP) provides a low thermal resistance between the die and
the PCB to which the part is mounted and soldered. This
allows rapid heat transfer from the die to the surrounding
PCB copper area heatsink, copper traces, ground plane, and
finally, surrounding air. The result is a low voltage audio
power amplifier that produces 1.6W dissipation in a 4
Ω load
at
≤ 1% THD+N and over 1.8W in a 3Ω load at 10% THD+N.
This high power is achieved through careful consideration of
necessary thermal design. Failing to optimize thermal design
may compromise the LM4857’s high power performance and
activate unwanted, though necessary, thermal shutdown
protection.
The SP package must have its DAP soldered to a copper
pad on the PCB. The DAP’s PCB copper pad is then, ideally,
connected to a large plane of continuous unbroken copper.
This plane forms a thermal mass, heat sink, and radiation
area. Place the heat sink area on either outside plane in the
case of a two-sided or multi-layer PCB. (The heat sink area
can also be placed on an inner layer of a multi-layer board.
The thermal resistance, however, will be higher.) Connect
the DAP copper pad to the inner layer or backside copper
heat sink area with 9 (3 X 3) (SP) vias. The via diameter
should be 0.012in - 0.013in with a 1.27mm pitch. Ensure
efficient thermal conductivity by plugging and tenting the vias
with plating and solder mask, respectively.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com