Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CS
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CS Datasheet(HTML) 2 Page - Texas Instruments

  LM2941CS Datasheet HTML 1Page - Texas Instruments LM2941CS Datasheet HTML 2Page - Texas Instruments LM2941CS Datasheet HTML 3Page - Texas Instruments LM2941CS Datasheet HTML 4Page - Texas Instruments LM2941CS Datasheet HTML 5Page - Texas Instruments LM2941CS Datasheet HTML 6Page - Texas Instruments LM2941CS Datasheet HTML 7Page - Texas Instruments LM2941CS Datasheet HTML 8Page - Texas Instruments LM2941CS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 12
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 14
4
Revision History..................................................... 2
10
Layout................................................................... 14
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 14
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 14
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Power Dissipation ................................................. 16
6.2
ESD Ratings ............................................................ 4
10.4
Thermal Considerations ........................................ 17
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 18
6.4
Thermal Information .................................................. 5
11.1
Device Support .................................................... 18
6.5
Electrical Characteristics: LM2941T, LM2941S,
LM2941LD.................................................................. 5
11.2
Documentation Support ....................................... 18
6.6
Electrical Characteristics: LM2941CT, LM2941CS... 6
11.3
Related Links ........................................................ 18
6.7
Typical Characteristics .............................................. 7
11.4
Trademarks ........................................................... 18
11.5
Electrostatic Discharge Caution ............................ 18
7
Detailed Description ............................................ 10
11.6
Glossary ................................................................ 19
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (December 2014) to Revision I
Page
•
Changed update pin names to TI nomenclature ................................................................................................................... 1
Changes from Revision G (April 2013) to Revision H
Page
•
Added Device Information and ESD Ratings tables, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section; updated Thermal Info .. 1
Changes from Revision F (April 2013) to Revision G
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com