Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CS
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CS Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2941CS Datasheet HTML 12Page - Texas Instruments LM2941CS Datasheet HTML 13Page - Texas Instruments LM2941CS Datasheet HTML 14Page - Texas Instruments LM2941CS Datasheet HTML 15Page - Texas Instruments LM2941CS Datasheet HTML 16Page - Texas Instruments LM2941CS Datasheet HTML 17Page - Texas Instruments LM2941CS Datasheet HTML 18Page - Texas Instruments LM2941CS Datasheet HTML 19Page - Texas Instruments LM2941CS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
GND
CIN
COUT
R2
R1
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
Layout Example (continued)
Figure 23. LM2941 TO-263 Package Typical Layout
10.3 Power Dissipation
Consideration should be given to the maximum power dissipation (PD(MAX)) which is limited by the maximum
operating junction temperature (TJ(MAX)) of 125°C, the maximum operating ambient temperature (TA(MAX)) of the
application, and the thermal resistance (RθJA) of the package. Under all possible conditions, the junction
temperature (TJ) must be within the range specified in the Operating Ratings. The total power dissipation of the
device is given by:
PD = ( (VIN − VOUT) x IOUT) + (VIN x IGND)
(3)
where IGND is the operating ground pin current of the device (specified under Electrical Characteristics: LM2941T,
LM2941S, LM2941LD and Electrical Characteristics: LM2941CT, LM2941CS).
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum expected ambient
temperature (TA(MAX)) of the application, and the maximum allowable junction temperature (TJ(MAX)):
ΔTJ = TJ(MAX) − TA(MAX)
(4)
The maximum allowable value for junction to ambient Thermal Resistance, RθJA, required to keep the junction
temperature, TJ, from exceeding maximum allowed can be calculated using the formula:
RθJA = ΔTJ / PD(MAX)
(5)
The maximum allowable power dissipation, PD(MAX), required allowed for a specific ambient temperature can be
calculated using the formula:
PD(MAX) = ΔTJ / RθJA
(6)
Additional information for thermal performance of surface mount packages can be found in AN-1520: A Guide to
Board Layout for Best Thermal Resistance for Exposed Packages (SNVA183), AN-1187: Leadless Leadframe
Package (LLP) (SNOA401), and AN-2020: Thermal Design By Insight, Not Hindsight (SNVA419).
16
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com