Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGK Datasheet(PDF) 1 Page - Texas Instruments

Part # LM393DGK
Description  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DGK Datasheet(HTML) 1 Page - Texas Instruments

  LM393DGK Datasheet HTML 1Page - Texas Instruments LM393DGK Datasheet HTML 2Page - Texas Instruments LM393DGK Datasheet HTML 3Page - Texas Instruments LM393DGK Datasheet HTML 4Page - Texas Instruments LM393DGK Datasheet HTML 5Page - Texas Instruments LM393DGK Datasheet HTML 6Page - Texas Instruments LM393DGK Datasheet HTML 7Page - Texas Instruments LM393DGK Datasheet HTML 8Page - Texas Instruments LM393DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OUT
IN−
IN+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
LMx93, LM2903 Dual Differential Comparators
1 Features
3 Description
These devices consist of two independent voltage
1
•
Single-Supply or Dual Supplies
comparators that are designed to operate from a
•
Wide Range of Supply Voltage
single power supply over a wide range of voltages.
–
Maximum Rating: 2 V to 36 V
Operation from dual supplies also is possible as long
as the difference between the two supplies is 2 V to
–
Tested to 30 V: Non-V Devices
36 V, and VCC is at least 1.5 V more positive than the
–
Tested to 32 V: V-Suffix Devices
input
common-mode
voltage.
Current
drain
is
•
Low Supply-Current Drain Independent of Supply
independent of the supply voltage. The outputs can
Voltage: 0.4 mA (Typical) Per Comparator
be connected to other open-collector outputs to
achieve wired-AND relationships.
•
Low Input Bias Current: 25 nA (Typical)
•
Low Input Offset Current: 3 nA (Typical) (LM139)
The LM193 device is characterized for operation from
−55°C to 125°C. The LM293 and LM293A devices
•
Low Input Offset Voltage: 2 mV (Typical)
are characterized for operation from
−25°C to 85°C.
•
Common-Mode Input Voltage Range
The LM393 and LM393A devices are characterized
Includes Ground
for operation from 0°C to 70°C. The LM2903 device
•
Differential Input Voltage Range Equal to
is characterized for operation from
−40°C to 125°C.
Maximum-Rated Supply Voltage: ±36 V
Device Information(1)
•
Low Output Saturation Voltage
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Output Compatible With TTL, MOS, and CMOS
LM193D, LM293D,
•
On Products Compliant to MIL-PRF-38535,
LM293AD, LM393D,
SOIC (8)
4.90 mm x 6.00 mm
All Parameters Are Tested Unless Otherwise
LM393AD,
LM2903D
Noted. On All Other Products, Production
LM293DGK,
Processing Does Not Necessarily Include Testing
LM293ADGK,
of All Parameters.
LM393DGK,
VSSOP (8)
3.00 mm x 5.00 mm
LM393ADGK,
LM2903DGK
2 Applications
LM293P, LM393P,
•
Chemical or Gas Sensor
LM393AP,
PDIP (8)
9.50 mm × 6.30 mm
•
Desktop PC
LM2903P
LM393PS,
•
Motor Control: AC Induction
LM393APS,
SO (8)
6.20 mm x 7.90 mm
•
Weigh Scale
LM2903PS
LM393PW,
LM393APW,
TSSOP (8)
6.40 mm x 3.00 mm
LM2903PW
LM193JG
GDIP (8)
10.00 mm x 7.00 mm
LM193FK
CQCC (8)
9.00 mm x 9.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM393DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393DGKR TI-LM393DGKR Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
LM393DGKR TI-LM393DGKR Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Rohm
LM393DGKR ROHM-LM393DGKR Datasheet
463Kb / 18P
TROPHY SERIES Comparators
logo
Texas Instruments
LM393DGKR TI1-LM393DGKR Datasheet
1Mb / 26P
DUAL DIFFERENTIAL COMPARATORS
LM393DGKR TI-LM393DGKR Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM393DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com