Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGK Datasheet(PDF) 12 Page - Texas Instruments

Part # LM393DGK
Description  Dual Differential Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393DGK Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM393DGK Datasheet HTML 8Page - Texas Instruments LM393DGK Datasheet HTML 9Page - Texas Instruments LM393DGK Datasheet HTML 10Page - Texas Instruments LM393DGK Datasheet HTML 11Page - Texas Instruments LM393DGK Datasheet HTML 12Page - Texas Instruments LM393DGK Datasheet HTML 13Page - Texas Instruments LM393DGK Datasheet HTML 14Page - Texas Instruments LM393DGK Datasheet HTML 15Page - Texas Instruments LM393DGK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
1OUT
1
1INí
2
1IN+
3
GND
4
8
VCC
7
2OUT
6
2INí
5
2IN+
0.12F
Ground
Bypass
Capacitor
Negative Supply or Ground
Positive Supply
0.12F
Ground
Only needed
for dual power
supplies
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
9 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, TI recommends to use a bypass
capacitor on the supply pin to reject any variation on the supply voltage. This variation can eat into the input
common-mode range of the comparator and create an inaccurate comparison.
10 Layout
10.1 Layout Guidelines
For accurate comparator applications without hysteresis it is important maintain a stable power supply with
minimized noise and glitches, which can affect the high level input common-mode voltage range. In order to
achieve this, it is best to add a bypass capacitor between the supply voltage and ground. This should be
implemented on the positive power supply and negative supply (if available). If a negative supply is not being
used, do not put a capacitor between the IC's GND pin and system ground.
10.2 Layout Example
Figure 10. LM2903 Layout Example
12
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com