Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CSX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CSX/NOPB
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2941CSX/NOPB Datasheet HTML 1Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 2Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 3Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 4Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 5Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 6Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 7Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 8Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ON/OFF
GND
INPUT
N/C
ADJ
GND
N/C
OUTPUT
1
3
4
2
6
5
7
8
GND*
* TIE TO GND OR LEAVE FLOATING
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
5 Pin Configuration and Functions
TO-220 (KC) Plastic Package
4 Pins
Top View
TO-263 (KTT) Surface-Mount Package
4 Pins
WSON (NGN)Surface Mount Package
8 Leads
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
KC
KTT
NGN
ADJ
1
1
8
I
Sets output voltage
ON/OFF
2
2
1
I
Enable/Disable control
GND
3
3
2, 7
—
Ground
IN
4
4
3
I
Input supply
Regulated output voltage. This pin requires an output capacitor to
OUT
5
5
5
O
maintain stability. See the Detailed Design Procedure section for
output capacitor details.
NC
—
—
4, 6
—
No internal connection. Connect to GND or leave open.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com