Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CSX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CSX/NOPB
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2941CSX/NOPB Datasheet HTML 1Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 2Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 3Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 4Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 5Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 6Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 7Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 8Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
OUT
GND
CIN
470 nF
COUT
22 µF
VIN
6 V to 26 V
VOUT
5 V to 20 V
ON/OFF
ADJ
R1
R2
LM2941
LOAD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
LM2941x 1-A Low Dropout Adjustable Regulator
1 Features
3 Description
The LM2941 positive voltage regulator features the
1
•
Operating VIN Range: 6 V to 26 V
ability to source 1 A of output current with a typical
•
Output Voltage Adjustable From 5 V to 20 V
dropout voltage of 0.5 V and a maximum of 1 V over
•
Dropout Voltage Typically 0.5 V at IOUT = 1 A
the
entire
temperature
range.
Furthermore,
a
quiescent current reduction circuit has been included
•
Output Current in Excess of 1 A
which reduces the ground pin current when the
•
Trimmed Reference Voltage
differential between the input voltage and the output
•
Reverse Battery Protection
voltage exceeds approximately 3 V. The quiescent
current with 1 A of output current and an input-output
•
Internal Short-Circuit Current Limit
differential of 5 V is therefore only 30 mA. Higher
•
Mirror Image Insertion Protection
quiescent currents only exist when the regulator is in
•
P+ Product Enhancement Tested
the dropout mode (VIN − VOUT ≤ 3 V).
•
TTL, CMOS Compatible ON/OFF Switch
Designed also for vehicular applications, the LM2941
•
WSON Space-Saving Package
and all regulated circuitry are protected from reverse
battery installations or two-battery jumps. During line
2 Applications
transients, such as load dump when the input voltage
can momentarily exceed the specified maximum
•
Industrial
operating voltage, the regulator will automatically shut
•
Automotive
down to protect both the internal circuits and the load.
Familiar regulator features such as short circuit and
thermal overload protection are also provided.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (8)
4.00 mm x 4.00 mm
TO-263 (5)
10.16 mm x 8.42 mm
LM2941
TO-220 (5)
14.986 mm x 10.16 mm
TO-220 (5)
10.16 mm x 8.51 mm
TO-263 (5)
10.16 mm x 8.42 mm
LM2941C
TO-220 (5)
14.986 mm x 10.16 mm
TO-220 (5)
10.16 mm x 8.51 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2941CSX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2941CSX/NOPB TI1-LM2941CSX/NOPB Datasheet
3Mb / 26P
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941CSX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
LM2941QML 1A Low Dropout Adjustable Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com