Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1770 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1770
Description  LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1770 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1770 Datasheet HTML 17Page - Texas Instruments PCM1770 Datasheet HTML 18Page - Texas Instruments PCM1770 Datasheet HTML 19Page - Texas Instruments PCM1770 Datasheet HTML 20Page - Texas Instruments PCM1770 Datasheet HTML 21Page - Texas Instruments PCM1770 Datasheet HTML 22Page - Texas Instruments PCM1770 Datasheet HTML 23Page - Texas Instruments PCM1770 Datasheet HTML 24Page - Texas Instruments PCM1770 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PCM1770
PCM1771
SLES011C – SEPTEMBER 2001 – REVISED MAY 2004
www.ti.com
21
MC
MS
MD
16-Bits
(1) Single Write Operation
MSB
LSB
MSB
(2) Continuous Write Operation
MSB
LSB
MSB
LSB
MSB
LSB
16-Bits x N Frames
MC
MS
MD
N Frames
Figure 26. Register Write Operation
CONTROL INTERFACE TIMING REQUIREMENTS (PCM1770)
Figure 27 shows a detailed timing diagram for the serial control interface. These timing parameters are critical for proper
control port operation.
t(MCH)
50% of VCC
MS
t(MLS)
LSB
50% of VCC
50% of VCC
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
MC pulse cycle time
t(MCY)
100(1)
ns
MC low-level time
t(MCL)
50
ns
MC high-level time
t(MCH)
50
ns
MS high-level time
t(MHH)
(2)
ns
MS falling edge to MC rising edge
t(MLS)
20
ns
MS hold time
t(MLH)
20
ns
MD hold time
t(MDH)
15
ns
MD set-up time
t(MDS)
20
ns
(1) When MC runs continuously between transactions, MC pulse cycle time is specified as 3/(128fS), where fS is sampling rate.
(2) 3/(128fS) s (min), where fS is sampling rate.
Figure 27. Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com