Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1770 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1770
Description  LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1770 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1770 Datasheet HTML 1Page - Texas Instruments PCM1770 Datasheet HTML 2Page - Texas Instruments PCM1770 Datasheet HTML 3Page - Texas Instruments PCM1770 Datasheet HTML 4Page - Texas Instruments PCM1770 Datasheet HTML 5Page - Texas Instruments PCM1770 Datasheet HTML 6Page - Texas Instruments PCM1770 Datasheet HTML 7Page - Texas Instruments PCM1770 Datasheet HTML 8Page - Texas Instruments PCM1770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PCM1770
PCM1771
SLES011C – SEPTEMBER 2001 – REVISED MAY 2004
LOW VOLTAGE AND LOW POWER STEREO AUDIO
DIGITALTOANALOG CONVERTER WITH HEADPHONE AMPLIFIER
FEATURES
D Multilevel DAC Including Headphone
Amplifier
D Analog Performance (VCC, VHP = 2.4 V):
− Dynamic Range: 98 dB Typ
− THD+N at 0 dB: 0.1% Typ
− THD+N at −20 dB: 0.04% Typ
− Output Power at RL = 16 Ω: 13 mW
(Stereo), 26 mW (Monaural)
D 1.6-V to 3.6-V Single Power Supply
D Low Power Dissipation: 6.5 mW at VCC,
VHP = 2.4 V
D System Clock: 128 fS, 192 fS, 256 fS, 384 fS
D Sampling Frequency: 5 kHz to 50 kHz
D Software Control (PCM1770):
− 16-, 20-, 24-Bit Word Available
− Left-, Right-Justified, and I2S
− Slave/Master Selectable
− Digital Attenuation: 0 dB to –62 dB,
1 dB/Step
− 44.1-kHz Digital De-Emphasis
− Zero Cross Attenuation
− Digital Soft Mute
− Monaural Analog-In With Mixing
− Monaural Speaker Mode
D Hardware Control (PCM1771):
− Left-Justified and I2S
− 44.1-kHz Digital De-Emphasis
− Monaural Analog-In With Mixing
D Pop-Noise-Free Circuit
D 3.3-V Tolerant
D Packages: TSSOP-16 and VQFN-20, Lead Free
APPLICATIONS
D Portable Audio Player
D Cellular Phone
D PDA
D Other Applications Requiring Low-Voltage
Operation
DESCRIPTION
The PCM1770 and PCM1771 devices are CMOS,
monolithic, integrated circuits which include stereo
digital-to-analog converters, headphone circuitry, and
support circuitry in small TSSOP-16 and VQFN-20
packages.
The data converters use TI’s enhanced multilevel
∆-Σ
architecture, which employs noise shaping and
multilevel amplitude quantization to achieve excellent
dynamic performance and improved tolerance to clock
jitter. The PCM1770 and PCM1771 devices accept
several industry standard audio data formats with 16- to
24-bit data, left-justified, I2S, etc., providing easy
interfacing to audio DSP and decoder devices.
Sampling rates up to 50 kHz are supported. A full set of
user-programmable functions are accessible through a
3-wire serial control port, which supports register write
functions.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - PCM1770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770 TI2-PCM1770 Datasheet
620Kb / 42P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
REVISED MARCH 2007
PCM1770PW TI-PCM1770PW Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770PW TI2-PCM1770PW Datasheet
620Kb / 42P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
REVISED MARCH 2007
PCM1770PW.B TI2-PCM1770PW.B Datasheet
620Kb / 42P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
REVISED MARCH 2007
More results

Similar Description - PCM1770

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
REV. 2
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1774 TI-PCM1774 Datasheet
1Mb / 49P
16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com