Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1770 Datasheet (PDF) - Texas Instruments

PCM1770 Datasheet PDF - Texas Instruments
Part # PCM1770
Download  PCM1770 Download
File Size   620.32 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER

PCM1770 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1770 Datasheet PDF - Texas Instruments

Part # PCM1770
Download  PCM1770 Click to download

File Size   620.32 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER

PCM1770 Datasheet (HTML) - Texas Instruments


PCM1770 Product details

FEATURES
· Multilevel DAC Including Headphone Amplifier
· Analog Performance (VCC, VHP = 2.4 V):
– Dynamic Range: 98 dB Typ
– THD+N at 0 dB: 0.1% Typ
– THD+N at –20 dB: 0.04% Typ
– Output Power at RL = 16 W: 13 mW
(Stereo), 26 mW (Monaural)
· 1.6-V to 3.6-V Single Power Supply
· Low Power Dissipation: 6.5 mW at VCC, VHP =
2.4 V
· System Clock: 128 f S, 192 fS, 256 fS, 384 fS
· Sampling Frequency: 5 kHz to 50 kHz
· Software Control (PCM1770):
– 16-, 20-, 24-Bit Word Available
– Left-, Right-Justified, and I2S
– Slave/Master Selectable
– Digital Attenuation: 0 dB to –62 dB, 1
dB/Step
– 44.1-kHz Digital De-Emphasis
– Zero Cross Attenuation
– Digital Soft Mute
– Monaural Analog-In With Mixing
– Monaural Speaker Mode
· Hardware Control (PCM1771):
– Left-Justified and I2S
– 44.1-kHz Digital De-Emphasis
– Monaural Analog-In With Mixing
· Pop-Noise-Free Circuit
· 3.3-V Tolerant
· Packages: TSSOP-16 and VQFN-20

APPLICATIONS
· Portable Audio Player
· Cellular Phone
· PDA
· Other Applications Requiring Low-Voltage
Operation

DESCRIPTION
The PCM1770 and PCM1771 devices are CMOS,
monolithic, integrated circuits which include stereo
digital-to-analog converters, headphone circuitry, and
support circuitry in small TSSOP-16 and VQFN-20
packages.
The data converters use TI's enhanced multilevel D-S
architecture, which employs noise shaping and
multilevel amplitude quantization to achieve excellent
dynamic performance and improved tolerance to
clock jitter. The PCM1770 and PCM1771 devices
accept several industry standard audio data formats
with 16- to 24-bit data, left-justified, I2S, etc.,
providing easy interfacing to audio DSP and decoder
devices. Sampling rates up to 50 kHz are supported.
A full set of user-programmable functions is
accessible through a 3-wire serial control port, which
supports register write functions.




Similar Part No. - PCM1770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770 TI-PCM1770 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770PW TI-PCM1770PW Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
PCM1770PW TI-PCM1770PW Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770PWG4 TI-PCM1770PWG4 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
More results


Similar Description - PCM1770

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
Low-Voltage Headphone Amplifier for Stereo Audio
logo
Texas Instruments
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
REV. 2
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
Dec-2004
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com