Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC9021
Description  Gigabit Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC9021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC9021 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC9021 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
TC
C
C9
9
90
0
02
2
21
1
1///T
T
TC
C
C9
9
90
0
02
2
20
0
0 GGGiiigggaaabbbiiittt EEEttthhheeerrrnnneeettt CCCooonnntttrrrooolllllleeerrr

e-mail:service@tmi.com.tw
website:www.tmi.com.tw
Features
❑
IEEE 802.3z compliant MAC supporting full wire speed
at 1Gbps
❑
1000Mbps, 100Mbps, and 10Mbps triple speed support
❑
GMII, MII or TBI interface with integrated 1000BASE-X
PCS with Auto-Negotiation
❑
Half duplex carrier extension and packet bursting
❑
Scatter/gather DMA capable of 1Gbps transaction
❑
32/64-bit PCI bus support--- TC9021
32-bit PCI bus support --- TC9020
❑
TCP/UDP/IP checksum offloading
❑
Minimize interrupts
❑
Supports “interrupt-less” transmit operation
❑
Support for IEEE 802.1p prioritizing via priority queuing
and interrupts
❑
Extensive IEEE 802.1Q VLAN support
❑
Jumbo frame support
❑
Provides a variety of flexible receive filtering modes,
including VLAN, IP multicast, and hash table
❑
Flash ROM interface for remote network boot
❑
ACPI and wake On LAN support
❑
Windows NT 4.0, Windows 9x, Windows 2000, Novell
Netware 4.x/5.x, Linux 2.x
❑
Low power 2.5/3.3V CMOS design with 5V tolerant I/O
❑
0.25um CMOS technology
❑
208-pin PQFP
Functional Description
The TC9021/TC9020 is part of a new generation of high performance, host-optimized network interface cards
designed for mission critical systems such as servers and high-end workstations. Offering two gigabits per second of
aggregate bandwidth, the TC9021/TC9020 optimizes performance while minimizing network overhead on the host
system. Compared to leading Fast Ethernet solutions, the TC9021/TC9020 transfers data at less than one tenth of
the host CPU utilization rate.
IEEE 802.3z Gigabit Ethernet MAC
The TC9021/TC9020 implements IEEE 802.3z half duplex functions such as Carrier Extension and Packet Bursting.
In full duplex mode, the TC9021/TC9020 implements both symmetrical and asymmetrical flow control via IEEE
802.3x PAUSE MAC Control frames. PAUSE frames can be automatically generated by the TC9021/TC9020
according to programmable flow control thresholds within the on-chip receive FIFO. The TC9021/TC9020 MAC has
been carefully implemented to ensure full wire speed at 1Gbps with 96-bit transmit and 64-bit receive inter-frame
spacing.
GMII, MII and TBI Interface
The TC9021/TC9020 implements both a GMII and MII interface, which offers a simple, cost-effective migration from
Fast Ethernet networks to high-speed Gigabit Ethernet networks over existing Category 5 cabling. For fiber optics
applications, the TC9021/TC9020 implements an IEEE 802.3z 1000BASE-X Physical Coding Sublayer (PCS). The
PCS includes an 8B10B encoder and decoder, Auto-negotiation, and Ten Bit Interface (TBI). With the industry
standard SERDES devices, the TC9021/TC9020 allows for gigabit optical link connections to the host system.
32/64-bit, 33/66MHz PCI Bus
The only one difference between the TC9021 and the TC9020 is the PCI bus width. The TC9020 can only be used in
32-bit PCI bus and The TC9021can be directly interface to either 32-bit or 64-bit bus. Advanced PCI commands, such
as Write and Invalidate, Read Line, and Read Multiple, are also implemented to further improve system
performance.
Bus Master Dual Channel DMA
The TC9021/TC9020 implements independent scatter/gather DMA engines to support full duplex Gigabit Ethernet
connectivity. These two DMA engines are capable of accessing data on any byte boundary and moving data to and
from discontiguous memory locations. This capability eliminates CPU-intensive data copying. Furthermore, each
DMA engine has been carefully designed to sustain well over 1 gigabit per second of throughput across a PCI bus.
This ensures that the TC9021/TC9020 will not be a bottleneck in high performance data networking applications.
Protocol Offloading
The TC9021/TC9020 also off-loads network protocol tasks from the host CPU. It generates TCP, UDP and IP
checksum values for outgoing frames and verifies the checksum value on incoming frames. Ethernet MAC frame CRC
calculation is also implemented on-chip.


Similar Part No. - TC9021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90202XBG TOSHIBA-TC90202XBG Datasheet
473Kb / 20P
Picture Quality Improver IC embedded the circuit for timing control signal generation
2016-07-05 Rev.2.00
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
TC90207FG TOSHIBA-TC90207FG Datasheet
613Kb / 14P
LVDS-Rx IC
2016-02-24 Rev.1.00
TC9028AF TOSHIBA-TC9028AF Datasheet
835Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028AP TOSHIBA-TC9028AP Datasheet
835Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
More results

Similar Description - TC9021

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
Dual Gigabit Ethernet Controller
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
DUAL GIGABIT ETHERNET CONTROLLER
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
Gigabit Ethernet Controller
logo
Intel Corporation
82541ER INTEL-82541ER Datasheet
327Kb / 48P
82541ER Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER
logo
Intel Corporation
82540EM INTEL-82540EM Datasheet
304Kb / 44P
82540EM Gigabit Ethernet Controller
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com