Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3204 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 1 Page - Texas Instruments

  LM3204 Datasheet HTML 1Page - Texas Instruments LM3204 Datasheet HTML 2Page - Texas Instruments LM3204 Datasheet HTML 3Page - Texas Instruments LM3204 Datasheet HTML 4Page - Texas Instruments LM3204 Datasheet HTML 5Page - Texas Instruments LM3204 Datasheet HTML 6Page - Texas Instruments LM3204 Datasheet HTML 7Page - Texas Instruments LM3204 Datasheet HTML 8Page - Texas Instruments LM3204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BYP
FB
EN
VDD
PVIN
VCON
SW
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
C1
10 PF
C2
4.7 PF
SGND
PGND
L1
2.2 PH
LM3204
VCON
0.267V to 1.20V
VOUT = 3 x VCON
BYPOUT
C4
0.1 PF
LM3204
www.ti.com
SNVS351C – JUNE 2005 – REVISED APRIL 2013
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF
Power Amplifiers
Check for Samples: LM3204
1
FEATURES
DESCRIPTION
The LM3204 is a DC-DC converter optimized for
2
•
2MHz (typ.) PWM Switching Frequency
powering RF power amplifiers (PAs) from a single
•
Operates from a Single Li-Ion Cell (2.7V to
Lithium-Ion cell. It steps down an input voltage of
5.5V)
2.7V to 5.5V to an adjustable output voltage of 0.8V
•
Adjustable Output Voltage (0.8V to 3.6V)
to 3.6V. The output voltage is set using an analog
input ( VCON) for optimizing efficiency of the RF PA at
•
Fast Turn On Time When Enabled (50µs Typ.),
various power levels.
3GPP Compliant
The
LM3204
offers
superior
features
and
•
300mA Maximum Load Capability (PWM Mode)
performance for mobile phones and similar RF PA
•
500mA Maximum Load Capability (Bypass
applications. Fixed-frequency PWM mode minimizes
Mode)
RF interference. Bypass mode turns on an internal
•
PWM, Forced and Automatic Bypass Mode
bypass switch to power the PA directly from the
battery. LM3204 has both forced and automatic
•
High Efficiency (96% Typ. at 3.6VIN, 3.2VOUT at
bypass modes. Shutdown mode turns the device off
120mA)
and reduces battery consumption to 0.1µA (typ.).
•
10-pin DSBGA Package
The LM3204 is available in a 10-pin lead free DSBGA
•
Current Overload Protection
package. A high switching frequency (2MHz) allows
•
Thermal Overload Protection
use of tiny surface-mount components. Only three
small
external
surface-mount
components,
an
APPLICATIONS
inductor and two ceramic capacitors are required.
•
Cellular Phones
•
Hand-Held Radios
•
RF PC Cards
•
Battery Powered RF Devices
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3204

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3204TL NSC-LM3204TL Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204TLX NSC-LM3204TLX Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3204

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com