Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3204 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3204 Datasheet HTML 9Page - Texas Instruments LM3204 Datasheet HTML 10Page - Texas Instruments LM3204 Datasheet HTML 11Page - Texas Instruments LM3204 Datasheet HTML 12Page - Texas Instruments LM3204 Datasheet HTML 13Page - Texas Instruments LM3204 Datasheet HTML 14Page - Texas Instruments LM3204 Datasheet HTML 15Page - Texas Instruments LM3204 Datasheet HTML 16Page - Texas Instruments LM3204 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SYSTEM
CONTROLLER
LM3204
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
L1
2.2 PH
C4**
0.1 PF
*Place C1 close to PVIN.
**Place C4 close to VDD.
C2
4.7 PF
VDD
PVIN
SW
FB
EN
VCON
PGND
SGND
DAC
BYP
BYPOUT
ON/OFF
C1*
10 PF
LM3204
www.ti.com
SNVS351C – JUNE 2005 – REVISED APRIL 2013
OPERATION DESCRIPTION
The LM3204 is a simple, step-down DC-DC converter with a bypass switch, optimized for powering RF power
amplifiers (PAs) in mobile phones, portable communicators, and similar battery powered RF devices. It is
designed to allow the RF PA to operate at maximum efficiency over a wide range of power levels from a single
Li-Ion battery cell. It is based on current-mode buck architecture, with synchronous rectification for high
efficiency. It is designed for a maximum load capability of 300mA in PWM mode and 500mA in bypass mode.
Maximum load range may vary from this depending on input voltage, output voltage and the inductor chosen.
The device has all three of pin-selectable operating modes required for powering RF PAs in mobile phones and
other sophisticated portable device with complex power management needs. Fixed-frequency PWM operation
offers regulated output at high efficiency while minimizing interference with sensitive IF and data acquisition
circuits. Bypass mode (Forced or Automatic) turns on an internal FET bypass switch to power the PA directly
from the battery. This helps the RF power amplifier maintain its operating power during low battery conditions by
reducing the dropout voltage across the LM3204. Shutdown mode turns the device off and reduces battery
consumption to 0.1µA (typ.).
DC PWM mode output voltage precision is +/-2% for 3.6VOUT. Efficiency is typically around 96% for a 120mA
load with 3.2V output, 3.6V input. PWM mode quiescent current is 0.72mA typ. The output voltage is dynamically
programmable from 0.8V to 3.6V by adjusting the voltage on the control pin (VCON) without the need for external
feedback resistors. This ensures longer battery life by being able to change the PA supply voltage dynamically
depending on its transmitting power.
Additional features include current overload protection, over voltage protection and thermal shutdown.
The LM3204 is constructed using a chip-scale 10-pin DSBGA package. This package offers the smallest
possible size, for space-critical applications such as cell phones, where board area is an important design
consideration. Use of a high switching frequency (2MHz typ.) reduces the size of external components. As shown
in Figure 34, only few external components are required for implementation. Use of a DSBGA package requires
special design considerations for implementation. (See DSBGA Package Assembly section.) Its fine bump-pitch
requires careful board design and precision assembly equipment. Use of this package is best suited for opaque-
case applications, where its edges are not subject to high-intensity ambient red or infrared light. Also, the system
controller should set EN low during power-up and other low supply voltage conditions. (See Shutdown Mode
section.)
Figure 34. Typical Operating System Circuit
Circuit Operation
Referring to Figure 34, the LM3204 operates as follows. During the first part of each switching cycle, the control
block in the LM3204 turns on the internal PFET (P-channel MOSFET) switch. This allows current to flow from the
input through the inductor to the output filter capacitor and load. The inductor limits the current to a ramp with a
slope of around (VIN - VOUT) / L, by storing energy in a magnetic field. During the second part of each cycle, the
controller turns the PFET switch off, blocking current flow from the input, and then turns the NFET (N-channel
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com