Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TLX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TLX/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TLX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3208TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
10
100
1000
OUTPUT CURRENT (mA)
50
55
60
65
70
75
80
85
90
When VOUT = 1.0V (typical), Small
PFET (960 m:). When VOUT = 1.05V
(typical), Large PFET (140 m:).
VOUT = 1.0V
VOUT = 1.05V
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
10
100
1000
OUTPUT CURRENT (mA)
40
45
50
55
60
65
70
75
80
85
90
V IN = 4.5V, V OUT = 1.05V
V IN = 4.5V, V OUT = 1.0V
When VOUT = 1.0V (typical), Small
PFET (960 m:). When VOUT = 1.05V
(typical), Large PFET (140 m:).
0
0
100
200
300
400
500
600
700
OUTPUT CURRENT (mA)
80
82
84
86
88
90
92
94
96
98
100
VIN = 4.5V
VIN = 3.9V
VIN = 5.5V
LM3208
SNVS404B – APRIL 2006 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 35, PVIN = VDD = EN = 3.6V and TA = 25°C unless otherwise specified.).
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT = 0.8V)
(VOUT = 3.6V)
Figure 15.
Figure 16.
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(RDSON Management)
(RDSON Management, VIN=4.5V)
Dark curves are efficiency profiles of either large PFET
or small PFET whichever is higher.
Figure 17.
Figure 18.
RDSON
vs
Temperature
RDSON vs Temperature
(Large PFET, ISW = 200mA)
(Small PFET, ISW = 200mA)
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com