Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TLX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TLX/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TLX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3208TLX/NOPB Datasheet HTML 1Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 2Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FB
EN
VDD
PVIN
VCON
SW
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
10 PF
4.7 PF
SGND
PGND
3.3 PH
LM3208
VOUT = 2.5 x VCON
LM3208
www.ti.com
SNVS404B – APRIL 2006 – REVISED MARCH 2013
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power
Amplifiers
Check for Samples: LM3208
1
FEATURES
DESCRIPTION
The LM3208 is a DC-DC converter optimized for
2
•
2 MHz (typ.) PWM Switching Frequency
powering RF power amplifiers (PAs) from a single
•
Operates from a Single Li-Ion Cell (2.7V to
Lithium-Ion cell. However, it may be used in many
5.5V)
other applications. It steps down an input voltage in
•
Adjustable Output Voltage (0.8V to 3.6V)
the range from 2.7V to 5.5V to an adjustable output
voltage of 0.8V to 3.6V. Output voltage is set by
•
Fast Output Voltage Transient (0.8V to 3.4V in
using a VCON analog input to control power levels and
25µs typ.)
efficiency of the RF PA.
•
650mA Maximum Load Capability
The LM3208 offers superior performance for mobile
•
High Efficiency (95% typ. at 3.9VIN, 3.4VOUT at
phones and similar RF PA applications. Fixed-
400mA)
frequency PWM operation minimizes RF interference.
•
8-pin DSBGA Package
A shutdown function turns the device off and reduces
battery consumption to 0.01 µA (typ.).
•
Current Overload Protection
•
Thermal Overload Protection
The LM3208 is available in an 8-pin lead-free DSBGA
package. A high switching frequency (2 MHz typ.)
allows use of tiny surface-mount components. Only
APPLICATIONS
three small external surface-mount components, an
•
Cellular Phones
inductor and two ceramic capacitors, are required.
•
Hand-Held Radios
•
RF PC Cards
•
Battery Powered RF Devices
TYPICAL APPLICATION
Figure 1. LM3208 Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3208TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3208TLX NSC-LM3208TLX Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results

Similar Description - LM3208TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com