Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 2 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
nPOR2
nPOR1
AND
AND
OR2
PGND
SW
VIN1
Buck1
FB1
EN_I2C
EN1
VIN1
SW1
PGND1
PGND
SW2
VIN2
Buck2
POR2
FB2
EN2
VIN2
SW2
PGND2
SGND
VDD
buck2 control
buck1 control
FB1
SDA
SCL
I
2
C
Registers
EPROM
EN2
FB2
SCL
SDA
EN1
POR1
EN_bk2
EN_bk1
U1
U2
LM3370
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
There is a power-on-reset function that monitors the level of the output voltage to avoid unexpected power
losses. The independent enable pin for each output allows for simple and effective power sequencing.
LM3370 is available in a 4mm by 5mm 16-lead non-pullback WSON and a 20-bump DSBGA, 3.0mm x 2.0mm x
0.6mm, package. A high switching frequency—2 MHz (typ)—allows use of tiny surface-mount components
including a 2.2µH inductor.
Default fixed voltages for the 2 output voltages combination can be customized to fit system requirements by
contacting Texas Instruments.
Functional Block Diagram
Typical Performance Curve
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com