Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 17Page - Texas Instruments LM3370 Datasheet HTML 18Page - Texas Instruments LM3370 Datasheet HTML 19Page - Texas Instruments LM3370 Datasheet HTML 20Page - Texas Instruments LM3370 Datasheet HTML 21Page - Texas Instruments LM3370 Datasheet HTML 22Page - Texas Instruments LM3370 Datasheet HTML 23Page - Texas Instruments LM3370 Datasheet HTML 24Page - Texas Instruments LM3370 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
IRIPPLE
)
2
= ILOAD + (
1
f
)
VIN - VOUT
) * (
) * (
2 * L
VOUT
VIN
IMAX = ILOAD + (
LM3370
www.ti.com
SNVS406N – NOVEMBER 2005 – REVISED MAY 2013
Application Information
Setting Output Voltage via I2C-Compatible
The outputs of the LM3370 can be programmed through Buck 1 and Buck 2 registers via I2C. Buck 1 output
voltage can be dynamically adjusted between 1V to 2V in 50 mV steps and Buck 2 output voltage can be
adjusted between 1.8V to 3.3V in 100 mV steps. Finer adjustments to the output of Buck 2 can be achieved with
the placement of a resistor between VOUT2 and the FB2 pin. Typically by placing a 20 K
Ω resistor, R, between
these nodes will result in the programmed Output Voltage increasing by approximately 45 mV,
ΔVTYP.
ΔVTYP= R × 500mV / 234KΩ
(6)
Please refer to for programming the desire output voltage. If the I2C-compatible feature is not used, the default
output voltage will be the pre-trimmed voltage. For example, LM3370SD-3021 refers to 1.2V for Buck 1 and 3.3V
for Buck 2.
VDD Pin
VDD is the power supply to the internal control circuit, if VDD pin is not tied to VIN during normal operating
condition, VDD must be set equal or greater of the two inputs ( VIN1 or VIN2 ). An optional capacitor can be used
for better noise immunity at VDD pin or when VDD is not tied to either VIN pins. Additionally, for reasons of noise
suppression, it is advisable to tie the EN1/EN2 pins to VDD rather than VIN .
SDA, SCL Pins
When not using I2C the SDA and SCL pins should be tied directly to the VDD pin.
Micro-Stepping:
The Micro-Stepping feature minimizes output voltage overshoot/undershoot during large output transients. If
Micro-stepping is enabled through I2C, the output voltage automatically ramps at 50 mV per step for Buck 1 and
100 mV per step for Buck 2. The steps are summarized as follow:
•
Buck 1: 50 mV/step and 32 µs/step
•
Buck 2: 100 mV/step and 32 µs/step
For example if changing Buck 1 voltage from 1V to 1.8V yields 20 steps [(1.8 - 1)/ 0.05 = 20]. This translates to
640
μs [(20 x 32 µs) = 640 µs] needed to reach the final target voltage.
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple is small enough to achieve the desired output voltage ripple.
There are two methods to choose the inductor current rating.
method 1:
The total current is the sum of the load and the inductor ripple current. This can be written as
where
•
ILOAD load current
•
VIN input voltage
•
L inductor
•
f switching frequency
(7)
method 2:
A more conservative approach is to choose an inductor that can handle the maximum current limit of 1400 mA.
Given a peak-to-peak current ripple (IPP) the inductor needs to be at least
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com