Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD15
Description  Isolated and Regulated 15 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD15 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD15 Datasheet HTML 1Page - Astrodyne Corporation ASD15 Datasheet HTML 2Page - Astrodyne Corporation ASD15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
-25 -20 -10 0 10 20 30 40 50 60 70 80 90
Ambient Temp, ° C
2
4
6
8
10
0
12
14
16
Dual Outputs
Single Outputs
PIN #
1
4
6
5
7
2
3
8
Control
No Pin
No Pin
+ Output
Trim
Out.Ret.
+ Input
- Input
Trim
+ Output
- Output
Control
No Pin
- Input
+ Input
Trim Connections
+ V
- V
To Pin 8
10Kohm Pot.
Out.Ret.
.178in
10.16mm
50.8mm
2.00in
2.54mm
.10in
5.08mm
.40in
10.16mm
.40in
.03in
.40in
10.16mm
.40in
10.16mm
0.64mm
1.60in
0.02mm
40.64mm
45.72mm
1.80in
.10in
2.54mm
7.62mm
.30in
.20in
4.52mm
.375in
9.525mm
ASD15
E.LIU
1 : 1
2D outline drawings
B
B1
1
1
ASD15_B
8
4
1
2
5
BOTTOM VIEW
7
6
2013/1/4
2014/12/24
Noumenon height changes from 8 mm to 10.3mm max
Tolerance : . XX
0.5mm [0.02in]
. XXX 0.25mm [0.01in]
Noumenon height changes from 10.3 mm to 9.525mm
SIZE
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING
BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
SHEET
OF
A4
2915



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com