Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD15
Description  Isolated and Regulated 15 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD15 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD15 Datasheet HTML 1Page - Astrodyne Corporation ASD15 Datasheet HTML 2Page - Astrodyne Corporation ASD15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
INPUT SPECIFICATIONS
Input Voltage, Nominal
12VDC
48VDC
Input Voltage Ranges
9-18
20-75 VDC
Input Surge Voltage
50V (12V Models), *
100V (48V Models), *
10 mS duration, min.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
single: ± 0.5%
20% - FL
duals: ±1%, ±3% (5V mod)
Preset Accuracy
single: ± 3% max.
duals: ±4% max.
Line Regulation
single: ± 0.5%
duals: ± 1%
Trim Range
0.5V min, 0.65V typ
Temperature Coefficient
±0.01%/°C
Ripple/Noise (Note 1)
100mV Pk-Pk, typ.
Overvoltage Protection
Clamp, 130-150% *
Voltage Stability
± 0.05%, max
Transient Response
12V: ± 4%, max
15V: ± 3%, max
All others: ± 2%, max
Short Circuit Protection
Clamp, need to release load
GENERAL SPECIFICATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Shutdown Idle Current
15mA
Input-Out Isolation
1500VDC (48V)
500 VDC (12V)
In/Out Capacitance
1000 pF
Efficiency at nom. Input
12V: 73%-80%, typ.
48V: 80%-86%, typ.
Switching Frequency
450Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C(FL)
Storage Temperature
-40 to +125°C *
Maximum Case Temp
110°C *
Input Fusing
12V: 4A, 48V: 2A
MTBF
1,000,000 Hrs
Mil Std 217, 25°C
Shock/Vibration
To MIL-STD 810°C
PHYSICAL SPECIFICATIONS
Case Material
Aluminum
Construction
Fully Encapsulated
Weight
1.6 oz, (40g)
NOTES
1. Ripple & Noise is measured by using a 20MHz bandwidth
oscilloscope and terminating the output with a 47uF electrolytic capacitor
paralleled with a 0.1uF ceramic capacitor.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com