Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1804RGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 4Page - Texas Instruments CDCM1804RGET Datasheet HTML 5Page - Texas Instruments CDCM1804RGET Datasheet HTML 6Page - Texas Instruments CDCM1804RGET Datasheet HTML 7Page - Texas Instruments CDCM1804RGET Datasheet HTML 8Page - Texas Instruments CDCM1804RGET Datasheet HTML 9Page - Texas Instruments CDCM1804RGET Datasheet HTML 10Page - Texas Instruments CDCM1804RGET Datasheet HTML 11Page - Texas Instruments CDCM1804RGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
VDD = 3.3 V
TA = 25°C
f = 622 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G001
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
−105
−100
VDD = 3.3 V
TA = 25°C
f = 250 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G002
f − Frequency − GHz
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TA = 25°C
Load = 50
Ω to VDD − 2 V
VDD = 3.6 V
VDD = 3.3 V
VDD = 3 V
G003
f − Frequency − MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
75
125 175 225 275 325 375 425 475
TA = 25°C
Load = See Figure 10
VDD3 = 3 V
VDD3 = 3.6 V
VDD = 3.3 V
G004
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
ADDITIVE PHASE NOISE
ADDITIVE PHASE NOISE
vs
vs
FREQUENCY OFFSET FROM CARRIER – LVPECL
FREQUENCY OFFSET FROM CARRIER – LVCMOS
Figure 2.
Figure 3.
LVPECL OUTPUT SWING
LVCMOS OUTPUT SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com