Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1804RGET Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 8Page - Texas Instruments CDCM1804RGET Datasheet HTML 9Page - Texas Instruments CDCM1804RGET Datasheet HTML 10Page - Texas Instruments CDCM1804RGET Datasheet HTML 11Page - Texas Instruments CDCM1804RGET Datasheet HTML 12Page - Texas Instruments CDCM1804RGET Datasheet HTML 13Page - Texas Instruments CDCM1804RGET Datasheet HTML 14Page - Texas Instruments CDCM1804RGET Datasheet HTML 15Page - Texas Instruments CDCM1804RGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IN
IN
Y0
Y0
tpd(LH1)
Y1
Y1
tpd(LH2)
tskLVCMOS(o)
Y3
0.5
× VDD3
Y2
Y2
NOTES: A. Output skew, tsk(o), is calculated as the greater of:
− The difference between the fastest and the slowest tpd(LH)n (n = 0…2)
− The difference between the fastest and the slowest tpd(HL)n (n = 0…2)
B. Part-to-part skew, tsk(pp), is calculated as the greater of:
− The difference between the fastest and the slowest tpd(LH)n (n = 0…2 for LVPECL, n = 3 for LVCMOS) across multiple devices
− The difference between the fastest and the slowest tpd(HL)n (n = 0…2 for LVPECL, n = 3 for LVCMOS) across multiple devices
C. Pulse skew, tsk(p), is calculated as the magnitude of the absolute time difference between the high-to-low (tpd(HL) and the low-to-high
(tpd(LH)) propagation delays when a single switching input causes one or more outputs to switch, tsk(p) = | tpd(HL) − tpd(LH) |. Pulse skew
is sometimes referred to as pulse width distortion or duty cycle skew.
T0067-01
|Yn*Yn|
Yn
Yn
VOH
VOL
80%
20%
0 V
tr
tf
VOUT(pp)
T0058-02
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
Figure 8. Waveforms for Calculation of tsk(o) and tsk(pp)
Figure 9. LVPECL Differential Output Voltage and Rise/Fall Time
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com