Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8430V Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 3Page - National Semiconductor (TI) DP8430V Datasheet HTML 4Page - National Semiconductor (TI) DP8430V Datasheet HTML 5Page - National Semiconductor (TI) DP8430V Datasheet HTML 6Page - National Semiconductor (TI) DP8430V Datasheet HTML 7Page - National Semiconductor (TI) DP8430V Datasheet HTML 8Page - National Semiconductor (TI) DP8430V Datasheet HTML 9Page - National Semiconductor (TI) DP8430V Datasheet HTML 10Page - National Semiconductor (TI) DP8430V Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
20 Signal Descriptions (Continued)
Pin
Device (If not
Input
Description
Name
Applicable to All)
Output
26 COMMON DUAL PORT SIGNALS
GRANTB
DP8432V
O
GRANT B
This output indicates which port is currently granted access to the DRAM
array When GRANTB is asserted Port B has access to the array When GRANTB is
only
negated Port A has access to the DRAM array This signal is used to multiplex the
signals R0 – 8 9 10 C0 – 8 9 10 B0 – 1 WIN LOCK and ECAS0 – 3 to the DP8432V
when using dual accessing
LOCK
DP8432V
I
LOCK
This input can be used by the currently granted port to ‘‘lock out’’ the other
port from the DRAM array by inserting wait states into the locked out port’s access
only
cycle until LOCK is negated
27 POWER SIGNALS AND CAPACITOR INPUT
VCC
I
POWER
Supply Voltage
GND
I
GROUND
Supply Voltage Reference
CAP
I
CAPACITOR
This input is used by the internal PLL for stabilization The value of the
ceramic capacitor should be 01 mF and should be connected between this input and
ground
28 CLOCK INPUTS
There are two clock inputs to the DP8430V31V32V CLK and DELCLK These two clocks may both be tied to the same clock
input or they may be two separate clocks running at different frequencies asynchronous to each other
CLK
I
SYSTEM CLOCK
This input may be in the range of 0 Hz up to 25 MHz This input is
generally a constant frequency but it may be controlled externally to change
frequencies or perhaps be stopped for some arbitrary period of time
This input provides the clock to the internal state machine that arbitrates between
accesses and refreshes This clock’s positive edges and negative levels are used to
extend the WAIT (DTACK) signals Ths clock is also used as the reference for the
RAS precharge time and RAS low time during refresh
All Port A and Port B accesses are assumed to be synchronous to the system clock
CLK
DELCLK
I
DELAY LINE CLOCK
The input frequency to DELCLK should be in the range of
12 MHz to 40 MHz This frequency will be internally divided by choosing a divisor
when programming the part The result of the division should be a frequency of
2 MHz This is because the Phase Lock Loop that generates the delay line assumes
an input clock frequency of 2 MHz If after dividing DELCLK by one of the internal
divisors (6 8 10 12 14 16 18 or 20) the resulting frequency is not 2 MHz the delay
line will suffer
For example if the DELCLK frequency is 18 MHz and a divide by 8 is chosen
programming bits C0 – 2 the resulting frequency will be 225 which is 125% off of
2 MHz Therefore the DP8430V31V32V will produce delays that are shorter (faster
delays) than what is intended On the other hand if divide by 10 was chosen the
resulting frequency will be 18 MHz this frequency will produce delays that are longer
(slower delays) than intended
This clock is also divided to create the internal refresh clock
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com