Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8430V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8430V Datasheet HTML 1Page - National Semiconductor (TI) DP8430V Datasheet HTML 2Page - National Semiconductor (TI) DP8430V Datasheet HTML 3Page - National Semiconductor (TI) DP8430V Datasheet HTML 4Page - National Semiconductor (TI) DP8430V Datasheet HTML 5Page - National Semiconductor (TI) DP8430V Datasheet HTML 6Page - National Semiconductor (TI) DP8430V Datasheet HTML 7Page - National Semiconductor (TI) DP8430V Datasheet HTML 8Page - National Semiconductor (TI) DP8430V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TLF11118
July 1993
DP8430V31V32V-33 microCMOS Programmable
256k1M4M Dynamic RAM ControllerDrivers
General Description
The DP8430V31V32V dynamic RAM controllers provide a
low cost single chip interface between dynamic RAM and
all 8- 16- and 32-bit systems The DP8430V31V32V gen-
erate all the required access control signal timing for
DRAMs An on-chip refresh request clock is used to auto-
matically refresh the DRAM array Refreshes and accesses
are arbitrated on chip If necessary a WAIT or DTACK out-
put inserts wait states into system access cycles including
burst mode accesses RAS low time during refreshes and
RAS precharge time after refreshes and back to back ac-
cesses are guaranteed through the insertion of wait states
Separate on-chip precharge counters for each RAS output
can be used for memory interleaving to avoid delayed back
to back accesses because of precharge An additional fea-
ture of the DP8432V is two access ports to simplify dual
accessing Arbitration among these ports and refresh is
done on chip
Features
Y
On chip high precision delay line to guarantee critical
DRAM access timing parameters
Y
microCMOS process for low power
Y
High capacitance drivers for RAS CAS WE and DRAM
address on chip
Y
On chip support for nibble page and static column
DRAMs
Y
Byte enable signals on chip allow byte writing in a word
size up to 32 bits with no external logic
Y
Can use a single clock source Up to 33 MHz operating
frequency
Y
On board Port APort B (DP8432V only)refresh arbitra-
tion logic
Y
Direct interface to all major microprocessors
Y
4 RAS and 4 CAS drivers (the RAS and CAS configura-
tion is programmable)
of Pins
of Address
Largest
Direct Drive
Access
Control
(PLCC)
Outputs
DRAM
Memory
Ports
Possible
Capacity
Available
DP8430V
68
9
256 kbit
4 Mbytes
Single Access Port
DP8431V
68
10
1 Mbit
16 Mbytes
Single Access Port
DP8432V
84
11
4 Mbit
64 Mbytes
Dual Access Ports (A and B)
Block Diagram
DP8430V31V32V DRAM Controller
TLF11118 – 1
FIGURE 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Staggered RefreshTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - DP8430V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP8430V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
CMOS 1M (256K x 4) Dynamic RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Cypress Semiconductor
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
4M (256K x 16) Static RAM
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
4M (256K x 16) Static RAM
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
64k, 256k Dynamic RAM Controller/Drivers
DP8428 NSC-DP8428 Datasheet
523Kb / 26P
1 Megabit High Speed Dynamic RAM Controller/Drivers
DP8520A NSC-DP8520A Datasheet
859Kb / 70P
DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com