Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS275EUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS275EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS275EUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS275EUA Datasheet HTML 1Page - SEC Electronics Inc. SS275EUA Datasheet HTML 2Page - SEC Electronics Inc. SS275EUA Datasheet HTML 3Page - SEC Electronics Inc. SS275EUA Datasheet HTML 4Page - SEC Electronics Inc. SS275EUA Datasheet HTML 5Page - SEC Electronics Inc. SS275EUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS275
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V3.10 Nov 1, 2013
Features
−
Solid-State Reliability much better than reed
switch
−
Omnipolar, output switches with absolute value
of North or South pole from magnet
−
Wide operating voltage range from 3.5V to 24V
−
High sensitivity for direct reed switch replace-
ment applications
Applications
−
Solid state switch
−
Speed detection
−
Interrupter
−
Magnet proximity sensor for reed switch re-
placement
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
General Description
The SS275 Omnipolar Hall effect sensor IC is fabri-
cated from mixed signal CMOS technology .It incor-
porates advanced chopper-stabilization techniques to
provide accurate and stable magnetic switch points.
The output transistor of the SS275 will be latched on
(BOP) in the presence of a sufficiently strong South or
North magnetic field facing the marked side of the
package. The output will be latched off (BRP) in the
absence of a magnetic field.
The chopper stabilized amplifier uses switched capac-
itor techniques to eliminate the amplifier offset volt-
age, which, in bipolar devices, is a major source of
temperature sensitive drift. CMOS makes this ad-
vanced technique possible. The CMOS chip is also
much smaller than a bipolar chip, allowing very so-
phisticated circuitry to be placed in less space. The
small chip size also contributes to lower physical
stress and less power consumption.
Functional Block Diagram


Similar Part No. - SS275EUA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SS275MOV MDE-SS275MOV Datasheet
304Kb / 5P
High Energy Thermally Protected SSMOV
logo
IXYS Corporation
SS275TA12205 IXYS-SS275TA12205 Datasheet
542Kb / 3P
Silicon Carbide Schottky Diode
SS275TC12205 IXYS-SS275TC12205 Datasheet
542Kb / 3P
Silicon Carbide Schottky Diode
SS275TI12205 IXYS-SS275TI12205 Datasheet
542Kb / 3P
Silicon Carbide Schottky Diode
More results

Similar Description - SS275EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com