Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS275EUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS275EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS275EUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS275EUA Datasheet HTML 1Page - SEC Electronics Inc. SS275EUA Datasheet HTML 2Page - SEC Electronics Inc. SS275EUA Datasheet HTML 3Page - SEC Electronics Inc. SS275EUA Datasheet HTML 4Page - SEC Electronics Inc. SS275EUA Datasheet HTML 5Page - SEC Electronics Inc. SS275EUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS275
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V3.10 Nov 1, 2013
Glossary of Terms
−
MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss
−
RoHS
Restriction of Hazardous Substances
−
ESD
Electro-Static Discharge
−
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
−
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)
Pin Definitions and Descriptions
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage(operating)
VDD
28
V
Supply Current
IDD
5
mA
Output Voltage
VOUT
28
V
Output Curent
IOUT
10
mA
Operating Temperature Range
TA
-40 to 150
°C
Storage Temperature Rang
TS
-50 to 165
°C
ESD Sensitivity
-
4000
V
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum rated conditions for ex-
tended periods may affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com