Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS259LSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS259LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS259LSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS259LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS259
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V3.10
Nov 1, 2013
Typical Application Circuit
SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet
orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same
output polarity for either pole face.
It is strongly recommended that an external bypass be connected (in close proximity to the Hall sensor) between
the supply and ground of the device to reduce both external noise and noise generated by the chop-
per-stabilization technique. This is especially true due to the relatively high impedance of battery supplies.
Internal Timing Circuit
Awake Taw: 175
μs
Period
Sleep Tsl: 70ms
Time
Current
0
Isp
Iaw
Iav
Sample & Output
Latched



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com