Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS259LSOT Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS259LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS259LSOT Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS259LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS259LSOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SS259
CMOS Omnipolar High Sensitivity Micropower Hall Switch
4
V3.10
Nov 1, 2013
Magnetic Characteristics
Operating Parameters: TA = 25°C, VDD = 2.75VDC
Parameter
Symbol
Min
Type
Max
Units
Operating Point
BOP
-
+/-35
+/-60
Gs
Release Point
BRP
+/-5
+/-21
-
Gs
Hysteresis
BHYST
-
14
-
Gs
Performance Characteristics
Magnetic Flux (Gauss)
ON
BOPS
BRPS
BOPN
BRPN
OFF
Output Voltage (V)
0
40
20
60
80
-60
-80
-40
-20
3.0
2.0
1.5
1.0
05
0
2.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com