Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS542KSTT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS542KSTT
Description  Hall Latch - High Sensitivity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS542KSTT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS542KSTT Datasheet HTML 1Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 2Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 3Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 4Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 5Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS542
Hall Latch - High Sensitivity
2
V3.10 Nov 1, 2013
General Description
The SS542 Hall effect sensor IC is fabricated from mixed signal CMOS technology. It incorporates advanced
chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled clocking mechanism to cycle power to the Hall element and
analog signal processing circuits. This serves to place the high current-consuming portions of the circuit into a
“Sleep” mode. Periodically the device is “Awakened” by this internal logic and the magnetic flux from the Hall
element is evaluated against the predefined thresholds. If the flux density is above or below the Bop/Brp thresholds
then the output transistor is driven to change states accordingly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been optimized for service in applications requiring extended operating
lifetime in battery powered systems.
The output transistor of the SS542 switches low (turns on) when a magnetic field perpendicular to the Hall sensor
exceeds the operate point threshold (BOP). After turn-on, the output voltage is VDS. The device remains on if the
south pole is removed (B
→0). Thi s latching property defines the device as a magnetic memory. When the magnet-
ic field is reduced below the release point, BRP, the Output transistor turns off (goes high). The difference in the
magnetic operate and release points is the hysteresis (BHYS) of the device. This built-in hysteresis prevents output
oscillation near the switching point, and allows clean switching of the output even in the presence of external me-
chanical vibration and electrical noise.
The TSOT-23 device is reversed from the UA package. The TSOT-23 output transistor will be latched on in the
presence of a sufficiently strong North pole magnetic field applied to the marked face.
Glossary of Terms
Internal Timing Circuit
0mT
0mT
Output level
Output level
OUT = High
Flux density
OUT = High
BOP
30Gs typ
OUT = Low
OUT = Low
UA package
- Latch characteristic
BOP
30Gs typ
BRP
-30Gs typ
Flux density
STT
package
- Latch characteristic
BHYS
BHYS
BRP
-30Gs typ
Awake Taw:20μs
Period
Sleep Tsl:600μs
Time
Current
0
Isp
Iaw
Iav
Sample &
Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com