Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS542KSTT Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS542KSTT
Description  Hall Latch - High Sensitivity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS542KSTT Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS542KSTT Datasheet HTML 1Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 2Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 3Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 4Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 5Page - SEC Electronics Inc. SS542KSTT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS542
Hall Latch - High Sensitivity
3
V3.10 Nov 1, 2013
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Operating Temperature Range
TA
-40 to 85
°C
Storage Temperature Rang
TS
-50 to 150
°C
ESD Sensitivity
-
4000
V
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “ E”
TA
-40 to 85
°C
Temperature Suffix “ K”
TA
-40 to 125
°C
Temperature Suffix “ L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for ex-
tended periods may affect device reliability.
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 2.5V to 5.5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating voltage
VDD
Operating
2.5
3
5.5
V
Supply current
IDD
Average
45
μA
Output Current
IOUT
1.0
mA
Saturation Voltage
VSAT
IOUT=1mA
0.4
V
Awake mode time
TAW
Operating
20
μS
Sleep mode time
TSL
Operating
600
μS
Magnetic Specifications
DC Operating Parameters VDD = 2.5 to 5.5V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C
Vdd=2.75V DC
5
25
40
G
Release Point
BRP
-40
-25
-5
G
Hysteresis
BHYST
40
G
SO
Operating Point
BOP
Ta=25°C
Vdd=2.75V DC
-40
-25
-5
G
Release Point
BRP
5
25
40
G
Hysteresis
BHYST
40
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com