Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS648EUA Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS648EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS648EUA Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS648EUA Datasheet HTML 1Page - SEC Electronics Inc. SS648EUA Datasheet HTML 2Page - SEC Electronics Inc. SS648EUA Datasheet HTML 3Page - SEC Electronics Inc. SS648EUA Datasheet HTML 4Page - SEC Electronics Inc. SS648EUA Datasheet HTML 5Page - SEC Electronics Inc. SS648EUA Datasheet HTML 6Page - SEC Electronics Inc. SS648EUA Datasheet HTML 7Page - SEC Electronics Inc. SS648EUA Datasheet HTML 8Page - SEC Electronics Inc. SS648EUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SS648
CMOS Omnipolar High Sensitivity Micropower Hall Switch
4
V3.1 Nov 1, 2013
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage(operating)
VDD
6
V
Supply Current
IDD
5
mA
Output Voltage
VOUT
6
V
Output Curent
IOUT
5
mA
Operating Temperature Range
TA
-40 to 85
°C
Storage Temperature Rang
TS
-50 to 150
°C
ESD Sensitivity
-
4000
V
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum rated conditions for ex-
tended periods may affect device reliability.
DC Electrical Characteristics
DC Operating Parameters: TA = 25°C, VDD=2.75V.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating voltage
VDD
Operating
2.5
3
5.5
V
Supply current
IDD
Average
5
μA
Output Current
IOUT
1.0
mA
Saturation Voltage
VSAT
IOUT=1mA
0.4
V
Awake mode time
TAW
Operating
175
μS
Sleep mode time
TSL
Operating
70
mS
Magnetic Characteristics
Magnetic Flux(Gauss)
ON
BOPS
BRPS
BOPN
BRPN
OFF
Output Voltage(V)
0
40
20
60
80
-60
-80
-40
-20
3.0
2.0
1.5
1.0
0.5
0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com