Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS648EUA Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS648EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS648EUA Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS648EUA Datasheet HTML 1Page - SEC Electronics Inc. SS648EUA Datasheet HTML 2Page - SEC Electronics Inc. SS648EUA Datasheet HTML 3Page - SEC Electronics Inc. SS648EUA Datasheet HTML 4Page - SEC Electronics Inc. SS648EUA Datasheet HTML 5Page - SEC Electronics Inc. SS648EUA Datasheet HTML 6Page - SEC Electronics Inc. SS648EUA Datasheet HTML 7Page - SEC Electronics Inc. SS648EUA Datasheet HTML 8Page - SEC Electronics Inc. SS648EUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SS648
CMOS Omnipolar High Sensitivity Micropower Hall Switch
5
V3.1 Nov 1, 2013
Operating Parameters: TA = 25°C, VDD=2.75VDC.
PARAMETER
Symbol
Min
Type
Max
Units
Operating Point
Bop
-
+/-35
+/-60
Gs
Release Point
Brp
+/-5
+/-21
-
Gs
Hysteresis
Bhys
-
14
-
Gs
ESD Protection
Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
Min
Max
ESD Voltage
VESD
±4
kV
Performance
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com