Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8422V Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 7Page - National Semiconductor (TI) DP8422V Datasheet HTML 8Page - National Semiconductor (TI) DP8422V Datasheet HTML 9Page - National Semiconductor (TI) DP8422V Datasheet HTML 10Page - National Semiconductor (TI) DP8422V Datasheet HTML 11Page - National Semiconductor (TI) DP8422V Datasheet HTML 12Page - National Semiconductor (TI) DP8422V Datasheet HTML 13Page - National Semiconductor (TI) DP8422V Datasheet HTML 14Page - National Semiconductor (TI) DP8422V Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
30 Programming and Resetting (Continued)
33 PROGRAMMING BIT DEFINITIONS
(Continued)
Symbol
Description
C6 C5 C4
RAS and CAS Configuration Modes
(Continued)
1 0 1
RAS and CAS pairs are selected by B1 ECASn must be asserted for CASn to be asserted
B1 e 0 during an access selects RAS0 – 1 and CAS0–1
B1 e 1 during an access selects RAS2 – 3 and CAS2–3
B0 is not used during an access
No error scrubbing
1 1 0
RAS singles are selected by B0 – 1 CAS0 – 3 are all selected ECASn must be asserted for CASntobe
asserted
B1 e 0 B0 e 0 during an access selects RAS0 and CAS0–3
B1 e 0 B0 e 1 during an access selects RAS1 and CAS0–3
B1 e 1 B0 e 0 during an access selects RAS2 and CAS0–3
B1 e 1 B0 e 1 during an access selects RAS3 and CAS0–3
No error scrubbing
1 1 1
RAS and CAS singles are selected by B0 1 ECASn must be asserted for CASn to be asserted
B1 e 0 B0 e 0 during an access selects RAS0 and CAS0
B1 e 0 B0 e 1 during an access selects RAS1 and CAS1
B1 e 1 B0 e 0 during an access selects RAS2 and CAS2
B1 e 1 B0 e 1 during an access selects RAS3 and CAS3
No error scrubbing
C3
Refresh Clock Fine Tune Divisor
0
Divide delay linerefresh clock further by 30 (If DELCLKRefresh Clock Clock Divisor e 2 MHz e 15 ms
refresh period)
1
Divide delay linerefresh clock further by 26 (If DELCLKRefresh Clock Clock Divisor e 2 MHz e 13 ms
refresh period)
C2 C1 C0
Delay LineRefresh Clock Divisor Select
0 0 0
Divide DELCLK by 10 to get as close to 2 MHz as possible
0 0 1
Divide DELCLK by 9 to get as close to 2 MHz as possible
0 1 0
Divide DELCLK by 8 to get as close to 2 MHz as possible
0 1 1
Divide DELCLK by 7 to get as close to 2 MHz as possible
1 0 0
Divide DELCLK by 6 to get as close to 2 MHz as possible
1 0 1
Divide DELCLK by 5 to get as close to 2 MHz as possible
1 1 0
Divide DELCLK by 4 to get as close to 2 MHz as possible
1 1 1
Divide DELCLK by 3 to get as close to 2 MHz as possible
R9
Refresh Mode Select
0
RAS0 – 3 will all assert and negate at the same time during a refresh
1
Staggered Refresh RAS outputs during refresh are separated by one positive clock edge Depending on the
configuration mode chosen either one or two RASs will be asserted
R8
Address Pipelining Select
0
Address pipelining is selected The DRAM controller will switch the DRAM column address back to the row
address after guaranteeing the column address hold time
1
Non-address pipelining is selected The DRAM controller will hold the column address on the DRAM address
bus until the access RASs are negated
R7
WAIT or DTACK Select
0
WAIT type output is selected
1
DTACK (Data Transfer ACKnowledge) type output is selected
R6
Add Wait States to the Current Access if WAITIN is Low
0
WAIT or DTACK will be delayed by one additional positive edge of CLK
1
WAIT or DTACK will be delayed by two additional positive edges of CLK
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com