Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8422V Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 14Page - National Semiconductor (TI) DP8422V Datasheet HTML 15Page - National Semiconductor (TI) DP8422V Datasheet HTML 16Page - National Semiconductor (TI) DP8422V Datasheet HTML 17Page - National Semiconductor (TI) DP8422V Datasheet HTML 18Page - National Semiconductor (TI) DP8422V Datasheet HTML 19Page - National Semiconductor (TI) DP8422V Datasheet HTML 20Page - National Semiconductor (TI) DP8422V Datasheet HTML 21Page - National Semiconductor (TI) DP8422V Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
40 Port A Access Modes (Continued)
452 Address Pipelining
Address pipelining is the overlapping of accesses to differ-
ent banks of DRAM If the majority of successive accesses
are to a different bank the accesses can be overlapped
Because of this overlapping the cycle time of the DRAM
accesses are greatly reduced The DP8420V21V22V
DP84T22 can be programmed to allow a new row address
to be placed on the DRAM address bus after the column
address hold time has been met At this time a new access
can be initiated with ADS or ALE depending on the access
mode while AREQ is used to sustain the current access
The DP8422V and DP84T22 support address pipelining for
Port A only This mode cannot be used with page static
column or nibble modes of operations because the DRAM
column address is switched back to the row address after
CAS is asserted This mode is programmed through ad-
dress bit R8 (see
Figures 11a and 11b ) In this mode the
output WE always functions as RFRQ
During address pipelining in Mode 0 shown in
Figure 11c
ALE cannot be pulsed high to start another access until
AREQ has been asserted for the previous access for at
least one period of CLK DTACK if programmed will be
negated once AREQ is negated WAIT if programmed to
insert wait states will be asserted once ALE and CS are
asserted
In Mode 1 shown in
Figure 11d ADS can be negated once
AREQ is asserted After meeting the minimum negated
pulse width for ADS ADS can again be asserted to start a
new access DTACK if programmed will be negated once
AREQ is negated WAIT if programmed will be asserted
once ADS is asserted
In either mode with either type of wait programmed the
DP8420V21V22V DP84T22 will still delay the access for
precharge if sequential accesses are to the same bank or if
a refresh takes place
TLF11109 – 15
FIGURE 11a Non-Address Pipelined Mode
TLF11109 – 16
FIGURE 11b Address Pipelined Mode
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com