Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3544
Description  Quad Port USB Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3544 Datasheet(HTML) 2 Page - Texas Instruments

  LM3544 Datasheet HTML 1Page - Texas Instruments LM3544 Datasheet HTML 2Page - Texas Instruments LM3544 Datasheet HTML 3Page - Texas Instruments LM3544 Datasheet HTML 4Page - Texas Instruments LM3544 Datasheet HTML 5Page - Texas Instruments LM3544 Datasheet HTML 6Page - Texas Instruments LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM3544
Quad Port USB Power Distribution Switch and
Over-Current Protection
General Description
The LM3544 is a quad high-side power switch that is an
excellent choice for use in Root, Self-Powered and Bus-
Powered USB (Universal Serial Bus) Hubs. Independent
port enables, flag signals to alert USB controllers of error
conditions, controlled start-up in hot-plug events, and short
circuit protection all satisfy USB requirements.
The LM3544 accepts input voltages between 2.7V and 5.5V.
The Enable logic inputs, available in active-high and active-
low versions, can be powered off any voltage in the 2.7V to
5.5V range. The LM3544 limits the continuous current
through a single port to 1.25A (max.) when it is shorted to
ground.
The low on-state resistance of the LM3544 switches ensures
the LM3544 will satisfy USB voltage drop requirements,
even when current through a switch reaches 500 mA. Thus,
High-Powered USB Functions, Low-Powered USB func-
tions, and Bus-Powered USB Hubs can all be powered off a
Root or Self-Powered USB Hub containing the LM3544.
Added features of the LM3544 include current foldback to
reduce power consumption in current overload conditions,
thermal shutdown to prevent device failure caused by high-
current overheating, and undervoltage lockout to keep
switches from operating if the input voltage is below accept-
able levels.
Features
n
Compatible with USB1.1 and USB 2.0
n
90m
Ω (typ.) High-Side MOSFET Switch
n
500mA Continuous Current per Port
n
7 ms Fault Flag Delay Filters Hot-Plug Events
n
Industry Standard Pin Order
n
Short Circuit Protection with Power-Saving Current
Foldback
n
Thermal Shutdown Protection
n
Undervoltage Lockout
n
Recognized by UL and Nemko CB
n
Input Voltage Range: 2.7V to 5.5V
n
5µA Maximum Standby Supply Current
n
16-Pin SOIC Package
n
Ambient Temperature Range: −40˚C to 85˚C
Applications
n
USB Root, Self-Powered, and Bus-Powered Hubs
n
USB Devices such as Monitors and Printers
n
General Purpose High Side Switch Applications
10120832
10120833
Functional Diagram
10120801
April 2005
© 2005 National Semiconductor Corporation
DS101208
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com